Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMAL Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # P6SMAL
Description  600W Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

P6SMAL Datasheet(HTML) 3 Page - WeEn Semiconductors

  P6SMAL Datasheet HTML 1Page - WeEn Semiconductors P6SMAL Datasheet HTML 2Page - WeEn Semiconductors P6SMAL Datasheet HTML 3Page - WeEn Semiconductors P6SMAL Datasheet HTML 4Page - WeEn Semiconductors P6SMAL Datasheet HTML 5Page - WeEn Semiconductors P6SMAL Datasheet HTML 6Page - WeEn Semiconductors P6SMAL Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WeEn Semiconductors
P6SMAL series
600W Transient Voltage Suppressor
P6SMAL series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
08 February 2021
3 / 7
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
01
2
3
100
50
0
Peak Value I
PP
Half Value I
PP/2
10 x 1000 Waveform
as defined be R.E.A
t
p
t
r = 10
s
I
PP
(%)
t
p (ms)
10
1.0
100
0.1
t
p (s)
0.1
10000
1000
1.0
100
10
P
PPM
(kW)
T
j = 25°C
Non-repetitive pulse waveform
shown in pulse waveform graph
110102
0
20
40
60
80
I
FSM
(A)
number of cycles at 60Hz
Pulse width 8.3ms
single half sine-wave
Uni-directional V=0V
Fig. 1. I-V curve characteristics; Uni-directional
Fig. 3. Pulse waveform
Fig. 2. Peak pulse power derating curve
Fig. 4. Pulse rating curve
Fig. 5. Maximum non-repetitive surge current
Fig. 6. Typical junction capacitance


Similar Part No. - P6SMAL

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
P6SMA JUXING-P6SMA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressor Power 600W
logo
Shenzhen Luguang Electr...
P6SMA LUGUANG-P6SMA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
logo
Guangdong Juxing Electr...
P6SMA100A JUXING-P6SMA100A Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressor Power 600W
logo
Shenzhen Luguang Electr...
P6SMA100A LUGUANG-P6SMA100A Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
logo
Guangdong Juxing Electr...
P6SMA100CA JUXING-P6SMA100CA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressor Power 600W
More results

Similar Description - P6SMAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
600W TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
600w Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
600W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
600W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com