Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16489 Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 24Page - Analog Devices ADIS16489 Datasheet HTML 25Page - Analog Devices ADIS16489 Datasheet HTML 26Page - Analog Devices ADIS16489 Datasheet HTML 27Page - Analog Devices ADIS16489 Datasheet HTML 28Page - Analog Devices ADIS16489 Datasheet HTML 29Page - Analog Devices ADIS16489 Datasheet HTML 30Page - Analog Devices ADIS16489 Datasheet HTML 31Page - Analog Devices ADIS16489 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADIS16489
Data Sheet
Rev. B | Page 28 of 40
On Demand Self Test (ODST)
Turn to Page 3 (DIN = 0x8003) and then set GLOB_CMD[1] = 1
(DIN = 0x8202, then DIN = 0x8300) to run the ODST routine,
which executes the following steps:
1. Measure the output on each sensor.
2. Activate an internal force on the mechanical elements of
each sensor, which simulates the force associated with
actual inertial motion.
3. Measure the output response on each sensor.
4. Deactivate the internal force on each sensor.
5. Calculate the difference between the force on and normal
operating conditions (force off).
6. Compare the difference with internal pass/fail criteria.
7. Report the pass/fail results for each sensor in DIAG_STS
(see Table 18) and the overall pass/fail flag in
SYS_E_FLAG[5] (see Table 16).
When using an external clock, the self test execution times may
vary from the 12 ms listed in Table 1. Also, false positive results
are possible when the executing the ODST while the device is
in motion.
Bias Correction Update
Turn to Page 3 (DIN = 0x8003) and set GLOB_CMD[0] = 1
(DIN = 0x8201, then DIN = 0x8300) to update the user offset
registers with the correction factors of the continuous bias
estimator (CBE). Ensure that the inertial platform is stable during
the entire average time for optimal bias estimates.
AUXILIARY I/O LINE CONFIGURATION
(FNCTIO_CTRL)
Table 152. FNCTIO_CTRL Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x06, 0x07
0x000D
R/W
Yes
Table 153. FNCTIO_CTRL Bit Definitions
Bits
Description
[15:12]
Not used
11
Alarm indicator: 1 = enabled, 0 = disabled
10
Alarm indicator polarity: 1 = positive, 0 = negative
[9:8]
Alarm indicator line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
7
Sync clock input enable: 1 = enabled, 0 = disabled
6
Sync clock input polarity:
1 = rising edge, 0 = falling edge
[5:4]
Sync clock input line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
3
Data ready enable: 1 = enabled, 0 = disabled
2
Data ready polarity: 1 = positive, 0 = negative
[1:0]
Data ready line selection:
00 = DIO1, 01 = DIO2, 10 = DIO3, 11 = DIO4
The FNCTIO_CTRL register (see Table 152 and Table 153)
provides configuration control for each input/output pin
(DIO1, DIO2, DIO3, and DIO4). Each DIOx pin supports only
one function at a time. In cases where a single pin has two
assignments, the enable bit for the lower priority function
automatically resets to zero (disabling the lower priority
function). The order of priority is as follows, from highest
priority to lowest priority: data ready, sync clock input, alarm
indicator, and general purpose. Changing the FNCTIO_
CTRL[5:4] bit settings requires an execution time of 75 ms,
whereas changing the settings of the remaining bits in the
FNCTIO_CTRL register only takes 3 ms. During this execution
time (75 ms or 3 ms), the operational state and the contents of
the register remain unchanged, but the SPI interface supports
normal communication (for accessing other registers).
Data Ready Indicator
The FNCTIO_CTRL[3:0] bits provide three configuration options
for the data ready function: on/off, polarity, and DIOx line. The
primary purpose this signal is to drive the interrupt control line
of an embedded processor, which can help synchronize data
collection and minimize latency. The factory default assigns
DIO2 as a positive polarity data ready signal, which means that
the data in the output registers is valid when the DIO2 line is
high (see Figure 31). This configuration works well when DIO2
drives an interrupt service pin that activates on a low to high
pulse.
DIO2
ACTIVE
INACTIVE
Figure 31. Data Ready, When FNCTIO_CTRL[3:0] = 1101 (default)
Use the following sequence to change this assignment to DIO1
with a negative polarity:
1. Turn to Page 3 (DIN = 0x8003).
2. Set FNCTIO_CTRL[3:0] = 1000 (DIN = 0x8608, then
DIN = 0x8700). The timing jitter on the pulse width of the
data ready signal is typically ±1.4 µs.
Input Sync/Clock Control
FNCTIO_CTRL[7:4] provide configuration options for using
one of the DIOx lines as an input synchronization signal for
sampling inertial sensor data. For example, use the following
sequence to establish DIO4 as a positive polarity input clock pin
and keep the factory default setting for the data ready function:
1. Turn to Page 3 (DIN = 0x8003).
2. Set FNCTIO_CTRL[7:0] = 0xFD (DIN = 0x86FD).
3. Set FNCTIO_CTRL[15:8] = 0x00 (DIN = 0x8700).
This command also disables the internal sampling clock.
Therefore, no data sampling occurs if no input clock signal is
present. The best performance is available when using an input
clock frequency of 2400 Hz.


Similar Part No. - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com