Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16489 Datasheet(PDF) 33 Page - Analog Devices

Part # ADIS16489
Description  Seven Degrees of Freedom Inertial Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16489 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADIS16489 Datasheet HTML 29Page - Analog Devices ADIS16489 Datasheet HTML 30Page - Analog Devices ADIS16489 Datasheet HTML 31Page - Analog Devices ADIS16489 Datasheet HTML 32Page - Analog Devices ADIS16489 Datasheet HTML 33Page - Analog Devices ADIS16489 Datasheet HTML 34Page - Analog Devices ADIS16489 Datasheet HTML 35Page - Analog Devices ADIS16489 Datasheet HTML 36Page - Analog Devices ADIS16489 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADIS16489
Rev. B | Page 33 of 40
Table 174. ALM_CNFG_2
Bits
Description
[15:8]
Not used
7
Barometer alarm (1 = enabled)
6
Not used
5
Barometer alarm polarity (1 = greater than)
4
Barometer dynamic enable (1 = enabled)
[3:0]
Not used
X-AXIS GYROSCOPE ALARM (XG_ALM_MAGN)
Table 175. XG_ALM_MAGN Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x28, 0x29
0x0000
R/W
Yes
Table 176. XG_ALM_MAGN Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
The XG_ALM_MAGN register (see Table 175 and Table 176)
contains the alarm threshold for the x-axis gyroscope, when
ALM_CNFG_0[3] = 1 (see Table 170). This alarm is associated
with the alarm flag in ALM_STS[0] (see Table 20).
Alarm Example
Table 177 provides a list of commands that configure the x-axis
gyroscopes alarm to be active (ALM_STS[0] = 1) when the rate
of rotation around the x-axis exceeds 100°/sec. The value for
the XG_ALM_MAGN register is 0x1388, as follows:
100°/sec ÷ 0.02°/sec/LSB = 5000 LSB = 0x1388
Table 177. Configuration Commands, Alarm Example
DIN
Description
0x8003
Turn to page 3
0xA888
XG_ALM_MAGN[7:0] = 0x88
0xA913
XG_ALM_MAGN[15:8] = 0x13
0xA00C
ALM_CNFG_1[7:0] = 0x0C
0xA100
ALM_CNFG_1[15:8] = 0x00
Y-AXIS GYROSCOPE ALARM (YG_ALM_MAGN)
Table 178. YG_ALM_MAGN Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x2A, 0x2B
0x0000
R/W
Yes
Table 179. YG_ALM_MAGN Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
The YG_ALM_MAGN register (see Table 178 and Table 179)
contains the alarm threshold for the y-axis gyroscope, when
ALM_CNFG_0[7] = 1 (see Table 170). This alarm is associated
with the alarm flag in ALM_STS[1] (see Table 20).
Z-AXIS GYROSCOPE ALARM (ZG_ALM_MAGN)
Table 180. ZG_ALM_MAGN Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x2C, 0x2D
0x0000
R/W
Yes
Table 181. ZG_ALM_MAGN Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope alarm threshold settings,
twos complement, 0°/sec = 0x0000, 1 LSB = 0.02°/sec
The ZG_ALM_MAGN register (see Table 180 and Table 181)
contains the alarm threshold for the z-axis gyroscope, when
ALM_CNFG_0[11] = 1 (see Table 170). This alarm is
associated with the alarm flag in ALM_STS[2] (see Table 20).
X-AXIS ACCELEROMETER ALARM
(XA_ALM_MAGN)
Table 182. XA_ALM_MAGN Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x2E, 0x2F
0x0000
R/W
Yes
Table 183. XA_ALM_MAGN Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer alarm threshold settings,
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
The XA_ALM_MAGN register (see Table 182 and Table 183)
contains the alarm threshold for the x-axis accelerometer, when
ALM_CNFG_0[15] = 1 (see Table 170). This alarm is associated
with the alarm flag in ALM_STS[3] (see Table 20).
Y-AXIS ACCELEROMETER ALARM
(YA_ALM_MAGN)
Table 184. YA_ALM_MAGN Register Definitions
Page
Addresses
Default
Access
Flash Backup
0x03
0x30, 0x31
0x0000
R/W
Yes
Table 185. YA_ALM_MAGN Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer alarm threshold settings,
twos complement, 0 g = 0x0000, 1 LSB = 0.25 mg
The YA_ALM_MAGN register (see Table 184 and Table 185)
contains the alarm threshold for the y-axis accelerometer, when
ALM_CNFG_1[3] = 1 (see Table 172). This alarm is associated
with the alarm flag in ALM_STS[4] (see Table 20).


Similar Part No. - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16480BMLZ AD-ADIS16480BMLZ Datasheet
993Kb / 44P
   Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
More results

Similar Description - ADIS16489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com