Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
mate bus activity during power-up. Also, if SDA and
SCL are terminated with pullup resistors to a different
supply voltage than the MAX7321’s supply voltage, and
if that pullup supply rises later than the MAX7321’s sup-
ply, then SDA or SCL may appear at power-up to be
connected to GND. In such applications, use the four
address combinations that are selected by connecting
address inputs AD2 and AD0 to V+ or GND (shown in
bold in Table 3). These selections are guaranteed to be
correct at power-up, independent of SDA and SCL
behavior. If one of the other 12 address combinations is
used, be aware that an unexpected combination of
pullups might be asserted until the first I2C transmis-
sion (to any device, not necessarily the MAX7321) is
put on the bus, and an unexpected combination of
ports may initialize as logic-low outputs instead of
inputs or logic-high outputs.
Port Inputs
I/O port inputs switch at the CMOS-logic levels as
determined by the expander’s supply voltage, and are
overvoltage tolerant to +6V, independent of the
expander’s supply voltage.
I/O Port Input Transition Detection
All I/O ports configured as inputs are monitored for
changes since the expander was last accessed
through the serial interface. The state of the input ports
is stored in an internal “snapshot” register for transition
monitoring. The snapshot is continuously compared
with the actual input conditions, and if a change is
detected for any port, INT signals a state change by
going logic low. An internal transition flag is set for that
port. The input is sampled (internally latched into the
snapshot register) and the old transition flags cleared
during the I2C acknowledge of every MAX7321 read
and write access. The previous port transition flags are
read through the serial interface as the second byte of
a 2-byte read sequence.
I2C Port Expander with 8 Open-Drain I/Os
8
_______________________________________________________________________________________
PIN
CONNECTION
DEVICE ADDRESS
OUTPUTS POWER-UP DEFAULT
40k
Ω INPUT PULLUPS ENABLED
AD2
AD0
A6 A5
A4
A3
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
P7
P6
P5
P4
P3
P2
P1
P0
SCL
GND
1
10000
0
1
1
1
1
0
0
0
0
Y
Y
Y
Y
SCL
V+
1
10000
1
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SCL
SCL
1
10001
0
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SCL
SDA
1
10001
1
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SDA
GND
1
10010
0
1
1
1
1
0
0
0
0
Y
Y
Y
Y
SDA
V+
1
10010
1
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SDA
SCL
1
10011
0
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SDA
SDA
1
10011
1
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
GND
GND
11
0
1
00
0
0
000
000
0
———
——
GND
V+
11
0
1
00
1
0
000
111
1
YY
Y
Y
GND
SCL
1
10101
0
0
0
0
0
1
1
1
1
Y
Y
Y
Y
GND
SDA
1
10101
1
0
0
0
0
1
1
1
1
Y
Y
Y
Y
V+
GND
11
0
11
00
1
111
000
0
Y
Y
Y
Y
——
V+
V+
11
0
11
0
11
111
111
1
Y
YYY
YY
Y
Y
V+
SCL
1
10111
0
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
V+
SDA
1
10111
1
1
1
1
1
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
Table 3. MAX7321 Address Map


Similar Part No. - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
MAX7321 MAXIM-MAX7321 Datasheet
214Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
More results

Similar Description - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com