Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FVB04 Datasheet(PDF) 104 Page - Microchip Technology

Part # MCP48FVB04
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB04 Datasheet(HTML) 104 Page - Microchip Technology

Back Button MCP48FVB04 Datasheet HTML 100Page - Microchip Technology MCP48FVB04 Datasheet HTML 101Page - Microchip Technology MCP48FVB04 Datasheet HTML 102Page - Microchip Technology MCP48FVB04 Datasheet HTML 103Page - Microchip Technology MCP48FVB04 Datasheet HTML 104Page - Microchip Technology MCP48FVB04 Datasheet HTML 105Page - Microchip Technology MCP48FVB04 Datasheet HTML 106Page - Microchip Technology MCP48FVB04 Datasheet HTML 107Page - Microchip Technology MCP48FVB04 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 104
 2020 Microchip Technology Inc.
B.4
Full-Scale Error (EFS)
The Full-Scale Error (see Figure B-3) is the error on
the VOUT pin relative to the expected VOUT voltage
(theoretical) for the maximum device DAC register
code (code FFFh for 12-bit, code 3FFh for 10-bit and
code FFh for 8-bit); see Equation B-2. The error
depends on the resistive load on the VOUT pin (and
where that load is tied to, such as VSS or VDD). For
loads (to VSS) greater than specified, the Full-Scale
Error will be greater.
The error in bits is determined by the theoretical volt-
age step-size to give an error in LSb.
EQUATION B-2:
FULL-SCALE ERROR
B.5
Zero-Scale Error (EZS)
The Zero-Scale Error (see Figure B-2) is the difference
between the ideal and the measured VOUT voltage with
the DAC register code equal to 000h (Equation B-3).
The error depends on the resistive load on the VOUT pin
(and where that load is tied to, such as VSS or VDD). For
loads (to VDD) greater than specified, the Zero-Scale
Error will be greater.
The error in bits is determined by the theoretical
voltage step-size to give an error in LSb.
EQUATION B-3:
ZERO-SCALE ERROR
B.6
Total Unadjusted Error (ET)
The Total Unadjusted Error (ET) is the difference
between the ideal and the measured VOUT voltage.
Typically, calibration of the output voltage is
implemented to improve system performance.
The error in bits is determined by the theoretical
voltage step-size to give an error in LSb.
Equation B-4 shows the Total Unadjusted Error
calculation.
EQUATION B-4:
TOTAL UNADJUSTED
ERROR CALCULATION
Where:
EFS is expressed in LSb.
VOUT(@FS) = The VOUT voltage when the DAC
register code is at full scale.
VIDEAL(@FS) = The ideal output voltage when the
DAC register code is at full scale.
VLSb(IDEAL) = The theoretical voltage step size.
EFS
VOUT(@FS) VIDEAL(@FS)
–
VLSb(IDEAL)
---------------------------------------------------------------------------
=
Where:
EZS is expressed in LSb.
VOUT(@ZS) =The VOUT voltage when the DAC
register code is at zero scale.
VLSb(IDEAL) = The theoretical voltage step-size.
EZS
VOUT(@ZS)
VLSb(IDEAL)
----------------------------------
=
Where:
ET is expressed in LSb.
VOUT_Actual(@Code) = The measured DAC output
voltage at the specified code.
VOUT_Ideal(@Code) = The calculated DAC output
voltage at the specified code.
(code × VLSb(Ideal)).
VLSb(Ideal) =VREF/# Steps
12-bit = VREF/4096
10-bit = VREF/1024
8-bit = VREF/256
ET
VOUT_Actual(@Code) VOUT_Ideal(@Code)
–

VLSb(Ideal)
-------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com