Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP48FVB08 Datasheet(PDF) 105 Page - Microchip Technology

Part # MCP48FVB08
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 Datasheet(HTML) 105 Page - Microchip Technology

Back Button MCP48FVB08 Datasheet HTML 101Page - Microchip Technology MCP48FVB08 Datasheet HTML 102Page - Microchip Technology MCP48FVB08 Datasheet HTML 103Page - Microchip Technology MCP48FVB08 Datasheet HTML 104Page - Microchip Technology MCP48FVB08 Datasheet HTML 105Page - Microchip Technology MCP48FVB08 Datasheet HTML 106Page - Microchip Technology MCP48FVB08 Datasheet HTML 107Page - Microchip Technology MCP48FVB08 Datasheet HTML 108Page - Microchip Technology MCP48FVB08 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 105
MCP48FXBX4/8
B.7
Offset Error (EOS)
The Offset Error is the delta voltage of the VOUT voltage
from the ideal output voltage at the specified code. This
code is specified where the output amplifier is in the
linear operating range; for the MCP48FXBX4/8, we
specify code 100 (decimal). Offset error does not
include Gain Error, see Figure B-2.
This error is expressed in mV. Offset Error can be
negative or positive. The Offset Error can be calibrated
by software in application circuits.
FIGURE B-2:
Offset Error and Zero-Scale
Error.
B.8
Offset Error Drift (EOSD)
The Offset Error Drift is the variation in Offset Error due
to a change in ambient temperature. The Offset Error
Drift is typically expressed in ppm/°C or µV/°C.
B.9
Gain Error (EG)
Gain Error is a calculation based on the ideal slope
using the voltage boundaries for the linear range of the
output driver (ex.: code 100 and code 4000); see
Figure B-3. The Gain Error calculation nullifies the
device’s Offset Error.
Gain Error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. Gain Error is usually expressed as a percent
of full-scale range (% of FSR) or in LSb. FSR is the
ideal full-scale voltage of the DAC (see Equation B-5).
FIGURE B-3:
Gain Error and Full-Scale
Error Example.
EQUATION B-5:
EXAMPLE GAIN ERROR
B.10
Gain Error Drift (EGD)
The Gain Error Drift is the variation in Gain Error due to
a change in ambient temperature. Gain Error Drift is
typically expressed in ppm/°C (of FSR).
Ideal Transfer
Actual
DAC Input Code
0
Zero-Scale
Error (EZS)
Offset
Function
100
4000
Error (EOS)
Transfer
Function
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
100
4000
4095
VREF
Transfer
Function
(@ Code = 4000)
Ideal Transfer
Function Shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in % of FSR.
VOUT(@4000) = The measured DAC output
voltage at the specified code.
VOUT_Ideal(@4000) = The calculated DAC output
voltage at the specified code
(4000 * VLSb(Ideal)).
VOS = Measured offset voltage.
VFull-Scale Range = Expected full-scale output
value (such as the VREF
voltage).
EG
VOUT(@4000) VOS
–
VOUT_Ideal(@4000)
–

VFull-Scale Range
---------------------------------------------------------------------------------------------------------------------- 100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com