| Electronic Components Datasheet Search |
|
AM6526 Datasheet(PDF) 107 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 Datasheet(HTML) 107 Page - Texas Instruments |
|
107 / 282 page ![]() Table 6-75. Power Supply Signal Description (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] VDDS0 IO bias supply for VDDSHV0 PWR G12 VDDS0_WKUP IO bias supply for VDDSHV0_WKUP PWR V8 VDDS1 IO bias supply for VDDSHV1 PWR AA16 VDDS1_WKUP IO bias supply for VDDSHV1_WKUP PWR T9 VDDS2 IO bias supply for VDDSHV2 PWR P20 VDDS2_WKUP IO bias supply for VDDSHV2_WKUP PWR N8 VDDS3 IO bias supply for VDDSHV3 PWR T20 VDDS4 IO bias supply for VDDSHV4 PWR Y20 VDDS5 IO bias supply for VDDSHV5 PWR AC18 VDDS6 IO bias supply for VDDSHV6 PWR F20 VDDS7 IO bias supply for VDDSHV7 PWR K20 VDDS8 IO bias supply for VDDSHV8 PWR AA10 VDDSHV0 Dual-voltage IO domain power supply PWR G15, H16 VDDSHV0_WKUP Dual-voltage IO domain power supply PWR U8, V7, W8, Y7 VDDSHV1 Dual-voltage IO domain power supply PWR AA18, AB17 VDDSHV1_WKUP Dual-voltage IO domain power supply PWR R6, R8, T7 VDDSHV2 Dual-voltage IO domain power supply PWR N20, N22, P21, R20, R22 VDDSHV2_WKUP Dual-voltage IO domain power supply PWR N6, P7, P9 VDDSHV3 Dual-voltage IO domain power supply PWR T21, U20, U22, V21, V23 VDDSHV4 Dual-voltage IO domain power supply PWR AA22, W20, W22, Y21, Y23 VDDSHV5 Dual-voltage IO domain power supply PWR AA20, AB19, AB21, AB23 VDDSHV6 Dual-voltage IO domain power supply PWR G20, H19, H21 VDDSHV7 Dual-voltage IO domain power supply PWR J20, J22, K21 VDDSHV8 Dual-voltage IO domain power supply PWR AB11 VDDS_DDR DDR IO domain power supply PWR G10, G14, G8, H13, H7, H9 VDDS_OSC1 MAIN High Frequency Oscillator (OSC1) analog power supply PWR J16 VDD_CORE CORE voltage domain supply PWR AA12, J10, J12, J14, J19, J8, K13, L14, L19, M13, N14, P13, P15, P19, R14, R16, R18, T13, T15, T17, T19, U14, U16, U18, V13, V15, V19, W14, W18, Y11, Y13, Y15 VDD_DLL_MMC0 MMC0 PHY DLL voltage supply PWR G22 VDD_DLL_MMC1 MMC1 PHY DLL voltage supply PWR H23 VDD_MCU MCU voltage domain supply PWR N10, P11, R10, R12, T11 VDD_MPU0 MPU0 voltage domain supply PWR K11, K9, L10, L8, M11 VDD_MPU1 MPU1 voltage domain supply PWR K16, K18, L17, M16, M18, N17 VDD_WKUP0(4) WKUP voltage domain supply PWR V11, W10, W12 VDD_WKUP1(4) WKUP voltage domain supply PWR M22 www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 107 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |