Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPH-30GM-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IPH-30GM-V1
Description  Read/write head
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IPH-30GM-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IPH-30GM-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IPH-30GM-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IPH-30GM-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Read/write head
IPH-30GM-V1
< Read/write head with thread M30 x 1.5
< Connection via V1 (M12 x 1) plug connection
< Multihole-LED for function display
< Degree of protection IP67
< For connection to IDENTControl control interface
LF read/write head for IDENTControl
Dimensions
Metal-free zone
M30 x 1.5
27.7
M12 x 1
36
LED
Technical Data
General specifications
Operating frequency
125 kHz
Transfer rate
2 kBit/s
Sensing range
Read distance
1 ... 65 mm
Write distance
1 ... 55 mm
Width
max. 55 mm
Operating distance
maximum: 70 mm
UL File Number
E87056
Functional safety related parameters
MTTFd
700 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IPH-30GM-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPH-18GM-V1 PF-IPH-18GM-V1 Datasheet
735Kb / 3P
Read/write head
IPH-F15-V1 PF-IPH-F15-V1 Datasheet
682Kb / 4P
Read/write head
IPH-F61-V1 PF-IPH-F61-V1 Datasheet
816Kb / 3P
Read/write head
IPH-F61-V1-Y262702 PF-IPH-F61-V1-Y262702 Datasheet
810Kb / 3P
Read/write head
IPH-F90A-V1 PF-IPH-F90A-V1 Datasheet
862Kb / 3P
Read/write head
More results

Similar Description - IPH-30GM-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUH-F190-V1-FR2-08 PF-IUH-F190-V1-FR2-08 Datasheet
914Kb / 3P
Read/write head
IUH-F190-V1-FR1-06 PF-IUH-F190-V1-FR1-06 Datasheet
884Kb / 3P
Read/write head
IUH-F190-V1-FR2-02 PF-IUH-F190-V1-FR2-02 Datasheet
937Kb / 3P
Read/write head
IUH-F190-V1-FR2-14 PF-IUH-F190-V1-FR2-14 Datasheet
917Kb / 3P
Read/write head
IQH1-F61-V1 PF-IQH1-F61-V1 Datasheet
1Mb / 5P
Read/write head
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com