Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH2711 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH2711
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2711 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH2711 Datasheet HTML 6Page - OSRAM GmbH SFH2711 Datasheet HTML 7Page - OSRAM GmbH SFH2711 Datasheet HTML 8Page - OSRAM GmbH SFH2711 Datasheet HTML 9Page - OSRAM GmbH SFH2711 Datasheet HTML 10Page - OSRAM GmbH SFH2711 Datasheet HTML 11Page - OSRAM GmbH SFH2711 Datasheet HTML 12Page - OSRAM GmbH SFH2711 Datasheet HTML 13Page - OSRAM GmbH SFH2711 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SFH 2711
10 Version 1.1 | 2020-09-21
Tape and Reel 5)
Reel Dimensions
A
W
N
min
W
1
W
2 max
Pieces per PU
180 mm
12 + 0.3 / - 0.1 mm
60 mm
12.4 + 2 mm
18.4 mm
3000


Similar Part No. - SFH2711

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2711A01 OSRAM-SFH2711A01 Datasheet
957Kb / 15P
Ambient Light Sensors
More results

Similar Description - SFH2711

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2401 OSRAM-SFH2401 Datasheet
861Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700 OSRAM-SFH2700 Datasheet
942Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700A01 OSRAM-SFH2700A01 Datasheet
972Kb / 14P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLTL90AT03 OSRAM-SPLTL90AT03 Datasheet
840Kb / 15P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLTL90AT08 OSRAM-SPLTL90AT08 Datasheet
857Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLUL90AT08 OSRAM-SPLUL90AT08 Datasheet
854Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com