Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1163 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC1163
Description  9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1163 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC1163 Datasheet HTML 4Page - Analog Devices HMC1163 Datasheet HTML 5Page - Analog Devices HMC1163 Datasheet HTML 6Page - Analog Devices HMC1163 Datasheet HTML 7Page - Analog Devices HMC1163 Datasheet HTML 8Page - Analog Devices HMC1163 Datasheet HTML 9Page - Analog Devices HMC1163 Datasheet HTML 10Page - Analog Devices HMC1163 Datasheet HTML 11Page - Analog Devices HMC1163 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
HMC1163
Rev. 0 | Page 11 of 12
EVALUATION PRINTED CIRCUIT BOARD (PCB)
Figure 17. Evaluation PCB
The circuit board used in an application uses RF circuit design
techniques. Ensure that the signal lines have 50 Ω impedance
and that the package ground leads and backside ground paddle
are connected directly to the ground plane.
Use a sufficient number of via holes to connect the top and
bottom ground planes. The evaluation circuit board shown in
Figure 17 is available from Analog Devices, Inc., upon request.
BILL OF MATERIALS
Table 4. Bill of Materials for the EV1HMC1163LP5
Item
Description
J1 to J4
PCB mount SMA RF connectors
J5, J6
2 mm dc headers
C1 to C3
100 pF capacitors, 0402 package
C4
1000 pF capacitor, 0402 package
C5 to C7
2.2 μF tantalum capacitors
C8
0.01 μF capacitor, 0603 package
U1
HMC1163 VCO
PCB1
110225 evaluation board2
1 Circuit board material is Rogers 4350.
2 Reference this number when ordering the complete evaluation PCB.


Similar Part No. - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
More results

Similar Description - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com