Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1163 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1163
Description  9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1163 Datasheet(HTML) 3 Page - Analog Devices

  HMC1163 Datasheet HTML 1Page - Analog Devices HMC1163 Datasheet HTML 2Page - Analog Devices HMC1163 Datasheet HTML 3Page - Analog Devices HMC1163 Datasheet HTML 4Page - Analog Devices HMC1163 Datasheet HTML 5Page - Analog Devices HMC1163 Datasheet HTML 6Page - Analog Devices HMC1163 Datasheet HTML 7Page - Analog Devices HMC1163 Datasheet HTML 8Page - Analog Devices HMC1163 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
HMC1163
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = −40°C to +85°C, VCC = 5 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY
Range
Output Frequency (fOUT)
9.65
10.41
GHz
Half Output Frequency (fOUT/2)
4.825
6.665
GHz
Drift Rate
1.0
MHz/°C
Pulling
2
MHz p-p
Pulling into a 2.0:1 voltage standing wave ratio (VSWR)
Pushing
7
MHz/V
At VTUNE = 5 V
OUTPUT POWER (POUT)
RFOUT
7
11
15
dBm
RFOUT/2
2
6
11
dBm
Supply Current (ICC)
185
mA
VCC = 4.75 V
205
250
mA
VCC = 5.00 V
230
mA
VCC = 5.25 V
HARMONICS, SUBHARMONICS
1/2
40
dBc
3/2
29
dBc
Second
19
dBc
Third
23
dBc
TUNING
Voltage (VTUNE)
2
13
V
Sensitivity
75
300
MHz/V
Tune Port Leakage Current
10
µA
VTUNE = 13 V
OUTPUT RETURN LOSS
6
dB
SSB PHASE NOISE
10 kHz Offset
−87
−85
dBc/Hz
100 kHz Offset
−114
−112
dBc/Hz


Similar Part No. - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5E AD-HMC1161LP5E Datasheet
327Kb / 12P
   Dual output frequency range
HMC1161LP5ETR AD-HMC1161LP5ETR Datasheet
327Kb / 12P
   Dual output frequency range
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
More results

Similar Description - HMC1163

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
REV. 0
HMC1169 AD-HMC1169 Datasheet
233Kb / 12P
   12.92 GHz to 14.07 GHz MMIC VCO with Half Frequency Output
HMC1167 AD-HMC1167 Datasheet
197Kb / 12P
   12.17 GHz to 13.33 GHz MMIC VCO with Half Frequency Output
HMC1166 AD-HMC1166 Datasheet
270Kb / 12P
   11.41 GHz to 12.62 GHz MMIC VCO with Half Frequency Output
HMC1168 AD-HMC1168 Datasheet
320Kb / 12P
   12.47 GHz to 13.72 GHz MMIC VCO with Half Frequency Output
HMC510LP5 AD-HMC510LP5 Datasheet
376Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 8.45 - 9.55 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
HMC511LP5 AD-HMC511LP5 Datasheet
416Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com