Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4357 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4357
Description  18V, 12A Ideal Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4357 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4357 Datasheet HTML 6Page - Analog Devices LTC4357 Datasheet HTML 7Page - Analog Devices LTC4357 Datasheet HTML 8Page - Analog Devices LTC4357 Datasheet HTML 9Page - Analog Devices LTC4357 Datasheet HTML 10Page - Analog Devices LTC4357 Datasheet HTML 11Page - Analog Devices LTC4357 Datasheet HTML 12Page - Analog Devices LTC4357 Datasheet HTML 13Page - Analog Devices LTC4357 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC4450
10
Rev. 0
For more information www.analog.com
Layout Considerations
High current applications demand careful attention
to trace resistances. The PCB trace associated with the IN/
OUT pins should have low resistance to reduce conduc-
tion power loss. Keep the traces to the IN and OUT pins
wide and short to minimize resistive losses. To ensure
a low contact resistance, solder the device’s IN/OUT
pins to the board using a reflow process. Include holes
underneath the exposed pads to keep solder in place to
APPLICATIONS INFORMATION
Figure 6. Recommended Layout
avoid high voltage shorts between pins. The wide IN/OUT
traces also act as a heat sink to remove the heat in the
presence of a high current load. Place COUT, surge sup-
pressors and necessary transient protection components
close to the LTC4450 using short lead lengths. Transient
voltage suppressors should have short wide traces to
GND. Place decoupling capacitors close to the IN and VCC
pins. Figure 6 shows the recommended PCB layout for
the LTC4450. The temperature rise of the recommended
PCB layout with 6A load current is 25°C.
VIN
VOUT
GND
GND
CVCC
GND
COUT
OPTIONAL
TVS OR SCHOTTKY
1
2
3
4
5
6
VCC
IN
IN
IN
IN
IN
14
13
12
11
10
9
GND
OUT
OUT
OUT
OUT
OUT
16
15
7
8
4450 F06
CIN


Similar Part No. - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4357

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Monolithic Power System...
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
   High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
logo
Linear Technology
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
   5A Ideal Diode
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
   5A Ideal Diode
logo
Diodes Incorporated
D18V0L1B2LP DIODES-D18V0L1B2LP Datasheet
341Kb / 5P
   18V BIDIRECTIONAL TVS DIODE
logo
Monolithic Power System...
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
   High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
   High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
logo
Diodes Incorporated
D18V0L1B2LPQ DIODES-D18V0L1B2LPQ Datasheet
329Kb / 5P
   18V BIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com