Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT0201HQF Datasheet(PDF) 1 Page - Central Technologies

Part # CT0201HQF
Description  Multi-layer Chip Inductors - Ceramic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0201HQF Datasheet(HTML) 1 Page - Central Technologies

  CT0201HQF Datasheet HTML 1Page - Central Technologies CT0201HQF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.20.15
Multi-layer Chip Inductors - Ceramic
www.ctparts.com
CT0201HQF
Series
From 0.6nH to 22nH
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description:
SMD ceramic core, high Q multi-layer chip
inductor for high frequency.
Applications:
Cellular telephones, bluetooth, computer
communications, radar detectors, automotive electronics, WLAN,
UWB, digital TV tuners, keyless remotes and miscellaneous high-
frequency circuits.
Operating Temperature:
-55°C to 125°C (including self -
temperature rise)
Inductance Tolerance:
±0.1nH, ±0.2nH, ±0.3nH, ±3%, ±5%
IDC: Applied current to coils, the inductance shall be less than
10% initial value.
Packaging:
Tape & Reel.
Miscellaneous:
RoHS Compliant.
Additional Information:
Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
D
A
D
B
C
Terminal
Electrode
Direction
Mark
0.75 ~ 1.05
0.3
0.3
A
B
C
D
0.6±0.03
0.3±0.03
0.3±0.03
0.10±0.05
0.02± 0.001
0.01±0.001
0.01±0.001
0.004±0.002
Size
mm
inches
Unit: mm


Similar Part No. - CT0201HQF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0201CSF CT-CT0201CSF Datasheet
450Kb / 2P
   Wire-wound Chip Inductors - Open
CT0201CSF-0N5K CT-CT0201CSF-0N5K Datasheet
450Kb / 2P
   Wire-wound Chip Inductors - Open
CT0201CSF-0N6K CT-CT0201CSF-0N6K Datasheet
450Kb / 2P
   Wire-wound Chip Inductors - Open
CT0201CSF-11NJ CT-CT0201CSF-11NJ Datasheet
450Kb / 2P
   Wire-wound Chip Inductors - Open
CT0201CSF-12NJ CT-CT0201CSF-12NJ Datasheet
450Kb / 2P
   Wire-wound Chip Inductors - Open
More results

Similar Description - CT0201HQF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 10.10.17
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
   Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
   MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
   Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
   Multi-layer Chip Inductors - Ceramic
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
   Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com