Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893BKILF Datasheet(PDF) 104 Page - Integrated Circuit Systems

Part # ICS1893BKILF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893BKILF Datasheet(HTML) 104 Page - Integrated Circuit Systems

Back Button ICS1893BKILF Datasheet HTML 100Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 101Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 102Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 103Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 104Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 105Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 106Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 107Page - Integrated Circuit Systems ICS1893BKILF Datasheet HTML 108Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 133 page
background image
ICS1893BF, Rev. C, 9/29/05
September, 2005
104
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893BF Data Sheet - Release
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.2 Transformer Interface Pins
Transformer connections on the ICS1893BK signals TP_AP, TP_AN, TP_BP and TP_BN are shown in
Table 8-12. The previous TP_CT pin used on the ICS1893AF is not used with the ICS1893BK. The typical
Twisted Pair Transformers connections are shown in Chapter 5. The transformer must be 1:1 ratio and
symetrical for 10/100 MDI/MDIX applications since the transmit twisted pair and receive twisted pair are
interchangeable. ICS1893 PHYs do not have power connections to the Transformer. All transformer power
is supplied by the ICS1893BK.
Note the twisted pairs are polarity sensitive and must connect to the RJ45 with the same polarity as shown
in the figure. Pay particular attention to polarity of the the “B” pair being reversed in pad sequence.
REF_IN
47
Frequency Ref Input: 25MHz Clock or Crystal
REF_OUT
46
Frequency Ref Output for Crystal
RESETn
17
System Reset (active low)
Table 8-12. ICS1893BK Transformer Interface Pins
Signal Name
Pin No.
Signals Description
TP_AP
4
Twisted Pair A Positive
TP_AN
5
Twisted Pair A Negative
TP_BP
9
Twisted Pair B Positive
TP_BN
8
Twisted Pair B Negative
Table 8-11. ICS1893BK Configuration Pins
Signal Name
Pin No.
Signals Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com