Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4357 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4357
Description  40V, 7A Ideal Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4357 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4357 Datasheet HTML 6Page - Analog Devices LTC4357 Datasheet HTML 7Page - Analog Devices LTC4357 Datasheet HTML 8Page - Analog Devices LTC4357 Datasheet HTML 9Page - Analog Devices LTC4357 Datasheet HTML 10Page - Analog Devices LTC4357 Datasheet HTML 11Page - Analog Devices LTC4357 Datasheet HTML 12Page - Analog Devices LTC4357 Datasheet HTML 13Page - Analog Devices LTC4357 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC4451
10
Rev. 0
For more information www.analog.com
VIN
VOUT
GND
GND
CVCC
GND
COUT
OPTIONAL
TVS OR SCHOTTKY
1
2
3
4
5
6
VCC
IN
IN
IN
IN
IN
14
13
12
11
10
9
GND
OUT
OUT
OUT
OUT
OUT
16
15
7
8
4451 F04
CIN
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS
Figure 4. Recommended Layout
Figure 5. 24V Diode-OR with Reverse Recovery Protection
wide and short to minimize resistive losses. To ensure
a low contact resistance, solder the device’s IN/OUT
pins to the board using a reflow process. Include holes
underneath the exposed pads to keep solder in place to
avoid high voltage shorts between pins. The wide IN/OUT
traces also act as a heat sink to remove the heat in the
presence of a high current load. Place COUT, surge sup-
pressors and necessary transient protection components
close to the LTC4451 using short lead lengths. Transient
voltage suppressors should have short wide traces to
GND. Place decoupling capacitors close to the IN and VCC
pins. Figure 4 shows the recommended PCB layout for
the LTC4451. The temperature rise of the recommended
PCB layout with 6A load current is 25°C.
VOUT
VCC
SHDN#
GND
LTC4451
IN
OUT
VINA
24V
VCC
GND
LTC4451
IN
OUT
CLOAD
100µF
120m ESR
SHDN#
STATUS
NC
STATUS
NC
VINB
24V
4451 F05
MBRS130
1A
30V
MBRS130
1A
30V
CIN1
0.1µF
CIN2
0.1µF


Similar Part No. - LTC4357

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4357

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
   7A Ideal Diode with Reverse Input Protection
logo
Unisonic Technologies
UT4450 UTC-UT4450 Datasheet
362Kb / 9P
   7A, 40V N-CHANNEL POWER MOSFET
logo
Linear Technology
LTC4358 LINER-LTC4358_15 Datasheet
160Kb / 12P
   5A Ideal Diode
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
   5A Ideal Diode
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
Analog Devices
LTC4450 AD-LTC4450 Datasheet
1Mb / 14P
   18V, 12A Ideal Diode
logo
Linear Technology
LTC4364-1 LINER-LTC4364-1_15 Datasheet
311Kb / 24P
   Surge Stopper with Ideal Diode
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com