| Electronic Components Datasheet Search |
|
SCIMX6QP7EVT2AB Datasheet(PDF) 126 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6QP7EVT2AB Datasheet(HTML) 126 Page - NXP Semiconductors |
|
126 / 168 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 126 NXP Semiconductors Electrical Characteristics 4.12.20 SSI Timing Parameters This section describes the timing parameters of the SSI module. The connectivity of the serial synchronous interfaces are summarized in Table 81. NOTE The terms WL and BL used in the timing diagrams and tables refer to Word Length (WL) and Bit Length (BL). 4.12.20.1 SSI Transmitter Timing with Internal Clock Figure 90 depicts the SSI transmitter internal clock timing and Table 82 lists the timing parameters for the SSI transmitter internal clock. . Figure 90. SSI Transmitter Internal Clock Timing Diagram Table 81. AUDMUX Port Allocation Port Signal Nomenclature Type and Access AUDMUX port 1 SSI 1 Internal AUDMUX port 2 SSI 2 Internal AUDMUX port 3 AUD3 External – AUD3 I/O AUDMUX port 4 AUD4 External – EIM or CSPI1 I/O through IOMUXC AUDMUX port 5 AUD5 External – EIM or SD1 I/O through IOMUXC AUDMUX port 6 AUD6 External – EIM or DISP2 through IOMUXC AUDMUX port 7 SSI 3 Internal SS19 SS1 SS2 SS4 SS3 SS5 SS6 SS8 SS10 SS12 SS14 SS18 SS15 SS17 SS16 SS43 SS42 Note: AUDx_RXD input in synchronous mode only AUDx_TXC (Output) AUDx_TXFS (wl) (Output) AUDx_TXFS (bl) (Output) AUDx_RXD (Input) AUDx_TXD (Output) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |