Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFCSP1T2G35FG26 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FSFCSP1T2G35FG26
Description  FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FSFCSP1T2G35FG26 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FSFCSP1T2G35FG26 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FSFCSP1T2G35FG26 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
FSFCSP1T2G35FG26 (Previous PN: F6UG2G350FG26)
Features
Item Summary
FBAR, TRx Type, 1.1x0.9x0.5mm
Band40
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 10000pcs
Products characteristics table
System
TD-LTE
Type
FBAR
Function
TRx Type
band
Band40
Insertion Loss (typ)
1.4 dB
Input Power (max)
+32dBm
Termination Impedance
Unbalance
Operating Temp. Range
-30 to +85 ℃
RoHS Compliance (10 subst.)
Yes
REACH Compliance (209 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.1 ±0.10 mm
Dimension W
0.9 ±0.10 mm
Dimension T
Max 0.5 mm
2021.11.01
1 / 1


Similar Part No. - FSFCSP1T2G35FG26

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSFCSP8H2G59AP31 TAIYO-YUDEN-FSFCSP8H2G59AP31 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
2022.03.21
More results

Similar Description - FSFCSP1T2G35FG26

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSFCSQ1M2G35EK01 TAIYO-YUDEN-FSFCSQ1M2G35EK01 Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
FSFCSQ1T2G35FG27 TAIYO-YUDEN-FSFCSQ1T2G35FG27 Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
FSFCSP8H2G59AP31 TAIYO-YUDEN-FSFCSP8H2G59AP31 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
2022.03.21
FSFCSQ1N2G35EH75 TAIYO-YUDEN-FSFCSQ1N2G35EH75 Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
2022.03.21
FSFCSRZH2G59AP20 TAIYO-YUDEN-FSFCSRZH2G59AP20 Datasheet
299Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
2022.03.21
FSFCSR1T2G44FG29B TAIYO-YUDEN-FSFCSR1T2G44FG29B Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Type)
FSWCSR8H2G65DP01 TAIYO-YUDEN-FSWCSR8H2G65DP01 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H2G65BP11 TAIYO-YUDEN-FSWCSR8H2G65BP11 Datasheet
300Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H2G65DP02 TAIYO-YUDEN-FSWCSR8H2G65DP02 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H1G96DP35 TAIYO-YUDEN-FSWCSR8H1G96DP35 Datasheet
303Kb / 2P
   FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com