Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 390 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 390 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 386Page - Renesas Technology Corp SH7041A Datasheet HTML 387Page - Renesas Technology Corp SH7041A Datasheet HTML 388Page - Renesas Technology Corp SH7041A Datasheet HTML 389Page - Renesas Technology Corp SH7041A Datasheet HTML 390Page - Renesas Technology Corp SH7041A Datasheet HTML 391Page - Renesas Technology Corp SH7041A Datasheet HTML 392Page - Renesas Technology Corp SH7041A Datasheet HTML 393Page - Renesas Technology Corp SH7041A Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 923 page
background image
352
12.4.9
Complementary PWM Mode
In the complementary PWM mode, three-phase output of non-overlapping positive and negative
PWM waveforms can be obtained using channels 3 and 4.
In complementary PWM mode, TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D
pins become PWM output pins, the TIOC3A pin can be set for toggle output synchronized with
the PWM period. TCNT3 and TCNT4 function as increment/decrement counters.
Table 12.15 shows the PWM output pins used. Table 12.16 shows the settings of the registers.
A function to directly cut off the PWM output by using an external signal is supported as a port
function.
Table 12.15 Output Pins for Complementary PWM Mode
Channel
Output Pin
Description
3
TIOC3A
Toggle output synchronized with PWM period (or I/O port)
TIOC3B
PWM output 1
TIOC3C
I/O port (Avoid setting this pin as a timer I/O pin in the
complementary PWM mode.)
TIOC3D
PWM output 1 (non-overlapping negative-phase waveform of
PWM output 1)
4
TIOC4A
PWM output 2
TIOC4B
PWM output 3
TIOC4C
PWM output 2 (non-overlapping negative-phase waveform of
PWM output 2)
TIOC4D
PWM output 3 (non-overlapping negative-phase waveform of
PWM output 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com