Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 399 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 399 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 395Page - Renesas Technology Corp SH7041A Datasheet HTML 396Page - Renesas Technology Corp SH7041A Datasheet HTML 397Page - Renesas Technology Corp SH7041A Datasheet HTML 398Page - Renesas Technology Corp SH7041A Datasheet HTML 399Page - Renesas Technology Corp SH7041A Datasheet HTML 400Page - Renesas Technology Corp SH7041A Datasheet HTML 401Page - Renesas Technology Corp SH7041A Datasheet HTML 402Page - Renesas Technology Corp SH7041A Datasheet HTML 403Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 923 page
background image
361
• PWM cycle setting
In complementary PWM mode, the PWM pulse cycle is set in two registers—TGR3A, in
which the TCNT3 upper limit value is set, and TCDR, in which the TCNT4 upper limit value
is set. The settings should be made so as to achieve the following relationship between these
two registers:
TGR3A set value = TCDR set value + TDDR set value
The TGR3A and TCDR settings are made by setting the values in buffer registers TGR3C and
TCBR. The values set in TGR3C and TCBR are transferred simultaneously to TGR3A and
TCDR in accordance with the transfer timing selected with bits MD3–MD0 in the timer mode
register (TMDR).
The updated PWM cycle is reflected from the next cycle when the data update is performed at
the crest, and from the current cycle when performed in the trough. Figure 12.41 illustrates the
operation when the PWM cycle is updated at the crest.
See the following section, Register data updating, for the method of updating the data in each
buffer register.
Counter value
TGR3C
update
TGR3A
update
TGR3A
TCNT3
TCNT4
Time
Figure 12.41 Example of PWM Cycle Updating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com