Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 415Page - Renesas Technology Corp SH7041A Datasheet HTML 416Page - Renesas Technology Corp SH7041A Datasheet HTML 417Page - Renesas Technology Corp SH7041A Datasheet HTML 418Page - Renesas Technology Corp SH7041A Datasheet HTML 419Page - Renesas Technology Corp SH7041A Datasheet HTML 420Page - Renesas Technology Corp SH7041A Datasheet HTML 421Page - Renesas Technology Corp SH7041A Datasheet HTML 422Page - Renesas Technology Corp SH7041A Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 923 page
background image
381
TCNT
input clock
External
clock
TCNT
φ
Falling edge
Falling edge
Rising edge
N – 1
N
N + 1
Figure 12.61 TCNT Count Timing during External Clock Operation (Phase Counting
Mode)
Output Compare Output Timing: The compare-match signal is generated at the final state of
TCNT and TGR matching. When a compare-match signal is issued, the output value set in TIOR
or TOCR is output to the output compare output pin (TIOC pin). After TCNT and TGR matching,
a compare-match signal is not issued until immediately before the TCNT input clock.
Output compare output timing (normal mode and PWM mode) is shown in figure 12.62. See
figure 12.63 for output compare output timing in complementary PWM mode and reset sync
PWM mode.
TCNT
input clock
TIOC pin
Compare-
match signal
TCNT
TGR
φ
N
N
N + 1
Figure 12.62 Output Compare Output Timing (Normal Mode/PWM Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com