Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 433Page - Renesas Technology Corp SH7041A Datasheet HTML 434Page - Renesas Technology Corp SH7041A Datasheet HTML 435Page - Renesas Technology Corp SH7041A Datasheet HTML 436Page - Renesas Technology Corp SH7041A Datasheet HTML 437Page - Renesas Technology Corp SH7041A Datasheet HTML 438Page - Renesas Technology Corp SH7041A Datasheet HTML 439Page - Renesas Technology Corp SH7041A Datasheet HTML 440Page - Renesas Technology Corp SH7041A Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 923 page
background image
399
12.7.11
Counter Value during Complementary PWM Mode Stop
When counting operation is suspended with TCNT3 and TCNT4 in complementary PWM mode,
TCNT3 has the timer dead time register (TDDR) value, and TCNT4 is held at H'0000.
When restarting complementary PWM mode, counting begins automatically from the initialized
state (figure 12.86).
When counting begins in another operating mode, be sure that TCNT3 and TCNT4 are set to the
initial values.
TGR3A
TCDR
TDDR
H'0000
TCNT3
TCNT4
Complementary PWM
mode operation
Complementary PWM
mode operation
Counter
operation stop
Complementary
PMW restart
Figure 12.86 Counter Value during Complementary PWM Mode Stop
12.7.12
Buffer Operation Setting in Complementary PWM Mode
In complementary PWM mode, conduct rewrites by buffer operation for the PWM cycle setting
register (TGR3A), PWM carrier cycle setting register (TCDR) and duty setting registers (TGR3B,
TRG4A, and TGR4B).
In complementary PWM mode, channel 3 and channel 4 buffers operate in accordance with bit
settings BFA and BFB of TMDR3. When TMDR3’s BFA bit is set to 1, TGR3C functions as a
buffer register for TGR3A. At the same time, TGR4C functions as the buffer register for TRG4A,
while the TCBR functions as the TCDR’s buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com