Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 500Page - Renesas Technology Corp SH7041A Datasheet HTML 501Page - Renesas Technology Corp SH7041A Datasheet HTML 502Page - Renesas Technology Corp SH7041A Datasheet HTML 503Page - Renesas Technology Corp SH7041A Datasheet HTML 504Page - Renesas Technology Corp SH7041A Datasheet HTML 505Page - Renesas Technology Corp SH7041A Datasheet HTML 506Page - Renesas Technology Corp SH7041A Datasheet HTML 507Page - Renesas Technology Corp SH7041A Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 923 page
background image
466
13.4Notes on Use
13.4.1
TCNT Write and Increment Contention
If a timer counter (TCNT) increment clock pulse is generated during the T3 state of a write cycle
to the TCNT, the write takes priority and the timer counter is not incremented (figure 13.8).
CK
Address
Internal
write signal
TCNT
input clock
TCNT
NM
TCNT address
Counter write data
T1
T2
T3
TCNT write cycle
Figure 13.8 Contention between TCNT Write and Increment
13.4.2
Changing CKS2–CKS0 Bit Values
If the values of bits CKS2–CKS0 are altered while the WDT is running, the count may increment
incorrectly. Always stop the watchdog timer (by clearing the TME bit to 0) before changing the
values of bits CKS2–CKS0.
13.4.3
Changing between Watchdog Timer/Interval Timer Modes
To prevent incorrect operation, always stop the watchdog timer (by clearing the TME bit to 0)
before switching between interval timer mode and watchdog timer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com