Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 555Page - Renesas Technology Corp SH7041A Datasheet HTML 556Page - Renesas Technology Corp SH7041A Datasheet HTML 557Page - Renesas Technology Corp SH7041A Datasheet HTML 558Page - Renesas Technology Corp SH7041A Datasheet HTML 559Page - Renesas Technology Corp SH7041A Datasheet HTML 560Page - Renesas Technology Corp SH7041A Datasheet HTML 561Page - Renesas Technology Corp SH7041A Datasheet HTML 562Page - Renesas Technology Corp SH7041A Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 923 page
background image
521
RDRF
MPIE
RDR
value
ID1
ID2
01
1
1
10
1
MPB
MPB
Serial
data
Start
bit
Data
(ID2)
Data
(data 2)
Stop
bit
Start
bit
Stop
bit
Idling
(marking)
D0
D1
D7
D0
D1
D7
0
RxI interrupt request
(multiprocessor
interrupt), MPIE = 0
RxI interrupt handler
reads data in RDR
and clears RDRF to 0
Station’s ID, so receiving
continues, with data
received by the RxI
interrupt processing routine
MPIE
bit is again
set to 1
MPB
Data2
Example: Own ID matches data, 8-bit data with multiprocessor bit and one stop bit
Figure 14.15 Example of SCI Receive Operation (ID Matches)
14.3.4
Clock Synchronous Operation
In the clock synchronous mode, the SCI transmits and receives data in synchronization with clock
pulses. This mode is suitable for high-speed serial communication.
The SCI transmitter and receiver are independent, so full duplex communication is possible while
sharing the same clock. The transmitter and receiver are also double buffered, so continuous
transmitting or receiving is possible by reading or writing data while transmitting or receiving is in
progress.
Figure 14.16 shows the general format in clock synchronous serial communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com