Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 574 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 574 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp SH7041A Datasheet HTML 572Page - Renesas Technology Corp SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp SH7041A Datasheet HTML 576Page - Renesas Technology Corp SH7041A Datasheet HTML 577Page - Renesas Technology Corp SH7041A Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 923 page
background image
536
14.5.7
Constraints on DMAC/DTC Use
• When using an external clock source for the synchronization clock, update the TDR with the
DMAC or the DTC, and then after five system clocks or more elapse, input a transmit clock. If
a transmit clock is input in the first four system clocks after the TDR is written, an error may
occur (figure 14.25).
• Before reading the receive data register (RDR) with the DMAC/DTC, select the receive-data-
full interrupt of the SCI as a start-up source.
D0
D1
D2
D3
D4
D5
D6
D7
SCK
TDRE
t
Note: During external clock operation, an error may occur if t is 4
φ or less.
Figure 14.25 Example of Clock Synchronous Transmission with DMAC
14.5.8
Cautions for Clock Synchronous External Clock Mode
• Set TE = RE = 1 only when the external clock SCK is 1.
• Do not set TE = RE = 1 until at least four clocks after the external clock SCK has changed
from 0 to 1.
• When receiving, RDRF is 1 when RE is set to zero 2.5–3.5 clocks after the rising edge of the
RxD D7 bit SCK input, but it cannot be copied to RDR.
14.5.9
Caution for Clock Synchronous Internal Clock Mode
When receiving, RDRF is 1 when RE is set to zero 1.5 clocks after the rising edge of the RxD D7
bit SCK output, but it cannot be copied to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com