Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 588Page - Renesas Technology Corp SH7041A Datasheet HTML 589Page - Renesas Technology Corp SH7041A Datasheet HTML 590Page - Renesas Technology Corp SH7041A Datasheet HTML 591Page - Renesas Technology Corp SH7041A Datasheet HTML 592Page - Renesas Technology Corp SH7041A Datasheet HTML 593Page - Renesas Technology Corp SH7041A Datasheet HTML 594Page - Renesas Technology Corp SH7041A Datasheet HTML 595Page - Renesas Technology Corp SH7041A Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 923 page
background image
554
When the ADF flag is set to 1, if the ADIE bit is also set to 1, an ADI interrupt is issued. After the
ADCSR is read, the ADF flag is cleared by a 0 write.
With select single mode, the A/D converter goes into standby mode at the end of every conversion
cycle. The A/D converter is restarted by software, a timer trigger, or external trigger. When the
number of conversion cycles shown in table 15.4 have ended, the ADF flag is set to 1.
Table 15.4
Conversion Channel and ADF Flag Setting/Clearing Conditions during Buffer
Operation 1
Channel Setting
Sampling Channel
CH2 CH1 CH0
BUFE1, BUFE0 = B'01
BUFE1, BUFE0 = B'10
BUFE1, BUFE0 = B'11
0
0
0
AN0 1 time (ADDRA)
AN0, AN1 1 time
(ADDRB)
AN0 1 time (ADDRA)
1
AN0 2 times (ADDRB)
AN0 2 times (ADDRB)
10
*
AN0, AN1 2 times
(ADDRD)
AN0 3 times (ADDRC)
1
*
AN0 4 times (ADDRD)
1—
—
**
*
Note: * See table 15.5.
Combined Group Mode and Buffer Operation: Continuous conversion is possible on analog
input channels (AN0 and AN1) specified by bits BUFE1 and BUFE0 as well as AN4–AN7 due to
setting of bits CH2–CH0.
Table 15.5 shows conversion during buffer operation and ADF flag setting conditions. The ADF
flag is set at the point in the table when the final conversion has ended. In this case, conversion is
performed on the analog input corresponding with the ADDR specified in the buffer register. For
example, when BUFE1 and BUFE0 = B'11 and CH2–CH0 = B'110, conversion results are stored
in ADDRA and ADDRE–ADDRG. Also, contents of ADDRA–ADDRC before the start of
conversion are transferred to ADDRB–ADDRD.
In single mode, conversion is halted after the ADF flag has been set to 1. Conversion continues in
scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com