Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 594Page - Renesas Technology Corp SH7041A Datasheet HTML 595Page - Renesas Technology Corp SH7041A Datasheet HTML 596Page - Renesas Technology Corp SH7041A Datasheet HTML 597Page - Renesas Technology Corp SH7041A Datasheet HTML 598Page - Renesas Technology Corp SH7041A Datasheet HTML 599Page - Renesas Technology Corp SH7041A Datasheet HTML 600Page - Renesas Technology Corp SH7041A Datasheet HTML 601Page - Renesas Technology Corp SH7041A Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 923 page
background image
560
15.4.8
Conversion Start by External Input
A/D conversions can be started by trigger signals generated by timer conversion start triggers or
ADTRG inputs. When a trigger signal designated by the TRGS1 and TRGS0 bits of the ADCR
occurs, the ADST bit of the ADCSR is set to 1 and A/D conversion is started.
The other operations are the same as when the ADST bit is set to 1 by software. Figure 15.12
shows an example of the timing when the ADST bit is set by an external input.
ADDRB
ADDRA
ADST
ADDRD
ADDRC
ADF
Set
ADTRG
(external
trigger)
Channel 0
Channel 1
Channel 2
Channel 3
Sam-
pling 1
A/D
conver-
sion 1
Conver-
sion
standby
Conversion
standby
Conversion standby
Conversion standby
Conversion standby
Conversion result 1
Figure 15.12 Conversion Start by
ADTRG Conversion Start Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com