Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 609Page - Renesas Technology Corp SH7041A Datasheet HTML 610Page - Renesas Technology Corp SH7041A Datasheet HTML 611Page - Renesas Technology Corp SH7041A Datasheet HTML 612Page - Renesas Technology Corp SH7041A Datasheet HTML 613Page - Renesas Technology Corp SH7041A Datasheet HTML 614Page - Renesas Technology Corp SH7041A Datasheet HTML 615Page - Renesas Technology Corp SH7041A Datasheet HTML 616Page - Renesas Technology Corp SH7041A Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 923 page
background image
575
16.3
Interface with CPU
Although A/D data register ADDR (ADDRA0–ADDRD0, ADDRA1–ADDRD1) are 16-bit
registers, the bus width within the chip that integrates with the CPU is 8-bits. So, upper and lower
data of the ADDR must be read separately.
To avoid change in data while reading the upper/lower 2 bytes of ADDR, the lower byte data is
read through the temporary register (TEMP). The upper byte data can be read directly.
The procedure for reading data from ADDR is as follows: First, read the upper byte data from
ADDR. At this time, the upper byte data is read directly into the CPU and the lower byte data is
transferred to TEMP of the mid-speed A/D converter. Next, read the lower byte to read the TEMP
contents into the CPU.
When reading the ADDR in byte size, read the upper byte before the lower byte. Furthermore, it is
possible to read only the upper byte, however, please note that contents are not guaranteed when
reading only the lower byte. In addition, when reading ADDR in word size, upper byte is
automatically read before the lower byte.
Figure 16.2 shows the data flow when reading from ADDR.
CPU
(H'AA)
ADDRnH
(H'AA)
ADDRnL
(H'40)
TEMP
(H'40)
CPU
(H'40)
ADDRnH
(H'AA)
ADDRnL
(H'40)
TEMP
(H'40)
<Reading the upper byte>
Bus interface
Module data bus
Bus interface
Module data bus
<Reading of the lower byte>
Figure 16.2 ADDR Access Operation (During Reading of (H'AA40))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com