Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 632 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 632 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 628Page - Renesas Technology Corp SH7041A Datasheet HTML 629Page - Renesas Technology Corp SH7041A Datasheet HTML 630Page - Renesas Technology Corp SH7041A Datasheet HTML 631Page - Renesas Technology Corp SH7041A Datasheet HTML 632Page - Renesas Technology Corp SH7041A Datasheet HTML 633Page - Renesas Technology Corp SH7041A Datasheet HTML 634Page - Renesas Technology Corp SH7041A Datasheet HTML 635Page - Renesas Technology Corp SH7041A Datasheet HTML 636Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 632 / 923 page
background image
594
17.3.2
CMCNT Count Timing
One of four clocks (
φ/8, φ/32, φ/128, φ/512) obtained by dividing the system clock (CK) can be
selected by the CKS1, CKS0 bits of the CMCSR. Figure 17.3 shows the timing.
CK
N – 1
N
N + 1
Internal clock
CMCNT input
clock
CMCNT
Figure 17.3 Count Timing
17.4
Interrupts
17.4.1
Interrupt Sources and DTC Activation
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when the interrupt request
flag CMF is set to 1 and the interrupt enable bit CMIE has also been set to 1.
When activating CPU interrupts by interrupt request, the priority between the channels can be
changed by using the interrupt controller settings. See section 6, Interrupt Controller (INTC), for
details.
Interrupt requests can also be used as data transfer controller (DTC) activating sources. In this
case, channel priorities are fixed. See section 8, Data Transfer Controller (DTC), for details.
17.4.2
Compare Match Flag Set Timing
The CMF bit of the CMCSR register is set to 1 by the compare match signal generated when the
CMCOR register and the CMCNT counter match. The compare match signal is generated upon
the final state of the match (timing at which the CMCNT counter matching count value is
updated). Consequently, after the CMCOR register and the CMCNT counter match, a compare
match signal will not be generated until a CMCNT counter input clock occurs. Figure 17.4 shows
the CMF bit set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com