Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 721 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 721 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 717Page - Renesas Technology Corp SH7041A Datasheet HTML 718Page - Renesas Technology Corp SH7041A Datasheet HTML 719Page - Renesas Technology Corp SH7041A Datasheet HTML 720Page - Renesas Technology Corp SH7041A Datasheet HTML 721Page - Renesas Technology Corp SH7041A Datasheet HTML 722Page - Renesas Technology Corp SH7041A Datasheet HTML 723Page - Renesas Technology Corp SH7041A Datasheet HTML 724Page - Renesas Technology Corp SH7041A Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 923 page
background image
683
22.2.2
Mode Transition Diagram
When the mode pins and the FWP pin are set in the reset state and a reset start is executed, the
microcomputer enters one of the operating modes shown in figure 22.2. In user mode, flash
memory can be read but not programmed or erased.
Flash memory can be programmed and erased in boot mode, user program mode, and programmer
mode.
RES=0
FWP=0
FWP=1
*1
*1
*2
MD1=1,
FWP=1
RES=0
Notes: Execute transition between the user mode
and user program mode while the CPU is
not programming or erasing the flash memory.
*1 RAM emulation permitted
*2 MD0=1, MD1=0, MD2=1, MD3=1
Reset state
User mode
User
program mode
Boot mode
Programmer
mode
On-board programming mode
Figure 22.2 Flash Memory Mode Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com