Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 737Page - Renesas Technology Corp SH7041A Datasheet HTML 738Page - Renesas Technology Corp SH7041A Datasheet HTML 739Page - Renesas Technology Corp SH7041A Datasheet HTML 740Page - Renesas Technology Corp SH7041A Datasheet HTML 741Page - Renesas Technology Corp SH7041A Datasheet HTML 742Page - Renesas Technology Corp SH7041A Datasheet HTML 743Page - Renesas Technology Corp SH7041A Datasheet HTML 744Page - Renesas Technology Corp SH7041A Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 923 page
background image
703
22.6.2
User Program Mode
After setting FWP, the user should branch to, and execute, the previously prepared
programming/erase control program.
As the flash memory itself cannot be read while flash memory programming/erasing is being
executed, the control program that performs programming and erasing should be run in on-chip
RAM or external memory.
Use the following procedure (figure 22.12) to execute the programming control program that
writes to flash memory (when transferred to RAM).
Execute user application
program
Execute programming/
erase control program in RAM
(flash memory rewriting)
Transfer programming/erase
control program to RAM
FWP = 1
(user program mode)
Write FWP assessment program
and transfer program
1
2
3
4
5
Figure 22.12 User Program Mode Execution Procedure
Notes: 1. When programming and erasing, start the watchdog timer so that measures can be
taken to prevent program runaway, etc. Memory cells may not operate normally if
overprogrammed or overerased due to program runaway.
2. If an address at which a flash memory register resides is read in the mask ROM or
ZTAT version, the value will be undefined. When a flash memory version program is
used in the mask ROM or ZTAT version, the state of the FWP pin cannot be
determined. A modification must therefore be made to prevent operation of the flash
memory rewrite program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com