Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 760 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 760 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 756Page - Renesas Technology Corp SH7041A Datasheet HTML 757Page - Renesas Technology Corp SH7041A Datasheet HTML 758Page - Renesas Technology Corp SH7041A Datasheet HTML 759Page - Renesas Technology Corp SH7041A Datasheet HTML 760Page - Renesas Technology Corp SH7041A Datasheet HTML 761Page - Renesas Technology Corp SH7041A Datasheet HTML 762Page - Renesas Technology Corp SH7041A Datasheet HTML 763Page - Renesas Technology Corp SH7041A Datasheet HTML 764Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 923 page
background image
722
22.9
Flash Memory Emulation in RAM
Making a setting in the RAM emulation register (RAMER) enables part of RAM to be overlapped
onto the flash memory area so that data to be written to flash memory can be emulated in RAM in
real time. After the RAMER setting has been made, accesses can be made from the flash memory
area or the RAM area overlapping flash memory. Emulation can be performed in user mode and
user program mode. Figure 22.16 shows an example of emulation of real-time flash memory
programming.
Start emulation program
End of emulation program
Tuning OK?
Yes
No
Set RAMER
Write tuning data to overlap
RAM
Execute application program
Write to flash memory emulation
block
Release RAMER
Figure 22.16 Flowchart for Flash Memory Emulation in RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com