Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 125Page - Renesas Technology Corp SH7041A Datasheet HTML 126Page - Renesas Technology Corp SH7041A Datasheet HTML 127Page - Renesas Technology Corp SH7041A Datasheet HTML 128Page - Renesas Technology Corp SH7041A Datasheet HTML 129Page - Renesas Technology Corp SH7041A Datasheet HTML 130Page - Renesas Technology Corp SH7041A Datasheet HTML 131Page - Renesas Technology Corp SH7041A Datasheet HTML 132Page - Renesas Technology Corp SH7041A Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 923 page
background image
91
Table 5.5
Types of Resets
Conditions for Transition
to Reset Status
Internal Status
Type
RES
MRES
CPU
On-Chip Peripheral Module
Power-on reset
Low
—
Initialized
Initialized
Manual reset
High
Low
Initialized
Not initialized
5.2.1
Power-On Reset
When the
RES pin is driven low, the LSI does a power-on reset. To reliably reset the LSI, the RES
pin should be kept at low for at least the duration of the oscillation settling time when applying
power or when in standby mode (when the clock circuit is halted) or at least 20 tcyc (when the
clock circuit is running). During power-on reset, CPU internal status and all registers of on-chip
peripheral modules are initialized. See Appendix C, Pin States, for the status of individual pins
during the power-on reset status.
In the power-on reset status, power-on reset exception processing starts when the
RES pin is first
driven low for a set period of time and then returned to high. The CPU will then operate as
follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3–I0) of
the status register (SR) are set to H'F (1111).
4. The values fetched from the exception processing vector table are set in the program counter
(PC) and SP and the program begins executing.
Be certain to always perform power-on reset processing when turning the system power on.
5.2.2
Manual Reset
When the
RES pin is high and the MRES pin is driven low, the LSI does a manual reset. To
reliably reset the LSI, the
MRES pin should be kept at low for at least the duration of the
oscillation settling time when in standby mode (when the clock is halted) or at least 20 tcyc when
the clock is operating. During manual reset, the CPU internal status is initialized. Registers of on-
chip peripheral modules are not initialized. Since the BSC is not affected, the DRAM refresh
control functions remain operational even when the manual reset status continues for a long period
of time. When the LSI enters manual reset status in the middle of a bus cycle, manual reset
exception processing does not start until the bus cycle has ended. Thus, manual resets do not abort
bus cycles. However, the bus cycle ends once
MRES is driven low. Hold at low level until manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com