Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 153Page - Renesas Technology Corp SH7041A Datasheet HTML 154Page - Renesas Technology Corp SH7041A Datasheet HTML 155Page - Renesas Technology Corp SH7041A Datasheet HTML 156Page - Renesas Technology Corp SH7041A Datasheet HTML 157Page - Renesas Technology Corp SH7041A Datasheet HTML 158Page - Renesas Technology Corp SH7041A Datasheet HTML 159Page - Renesas Technology Corp SH7041A Datasheet HTML 160Page - Renesas Technology Corp SH7041A Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 923 page
background image
119
Section 7 User Break Controller (UBC)
7.1
Overview
The user break controller (UBC) provides functions that simplify program debugging. Break
conditions are set in the UBC and a user break interrupt is generated according to the conditions of
the bus cycle generated by the CPU, DMAC, or DTC. This function makes it easy to design an
effective self-monitoring debugger, enabling the chip to easily debug programs without using a
large in-circuit emulator.
7.1.1
Features
The features of the user break controller are:
• Break compare conditions can be set:
 Address
 CPU cycle or DMA/DTC cycle
 Instruction fetch or data access
 Read or write
 Operand size: byte/word/longword
• User break interrupt generated upon satisfying break conditions. A user-designed user break
interrupt exception processing routine can be run.
• Select either to break in the CPU instruction fetch cycle before the instruction is executed or
after.
7.1.2
Block Diagram
Figure 7.1 shows a block diagram of the UBC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com