Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 167Page - Renesas Technology Corp SH7041A Datasheet HTML 168Page - Renesas Technology Corp SH7041A Datasheet HTML 169Page - Renesas Technology Corp SH7041A Datasheet HTML 170Page - Renesas Technology Corp SH7041A Datasheet HTML 171Page - Renesas Technology Corp SH7041A Datasheet HTML 172Page - Renesas Technology Corp SH7041A Datasheet HTML 173Page - Renesas Technology Corp SH7041A Datasheet HTML 174Page - Renesas Technology Corp SH7041A Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 923 page
background image
133
Section 8 Data Transfer Controller (DTC)
8.1
Overview
The SH7040 Series has an on-chip data transfer controller (DTC), which is activated either by
interrupts or software and can perform data transfers.
8.1.1
Features
• Arbitrary channel number transfer setting possible
 Transfer information can be established for each interrupt source
 Transfer information stored in memory
 Multiple data transfers possible (chain transfers) for one activating source
• Address space: 32-bit addresses can be designated for both transfer source and destination
• Transfer devices
 Memory: On-chip ROM, on-chip RAM, external ROM, external RAM
 On-chip peripheral modules (excluding DMAC/DTC)
 Memory-mapped external devices
• Abundant transfer modes
 Can select between normal mode/repeat mode/block transfer mode
 Can select between increment/decrement/fixed for source/destination address
• Transfer units can be set as byte/word/longword
• Interrupts activating the DTC can be requested of the CPU
 Interrupt requests can be generated to the CPU after completion of a data transfer
 Interrupt requests generated to the CPU after completion of all designated data transfers
• Transfers can be activated by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com