Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 197Page - Renesas Technology Corp SH7041A Datasheet HTML 198Page - Renesas Technology Corp SH7041A Datasheet HTML 199Page - Renesas Technology Corp SH7041A Datasheet HTML 200Page - Renesas Technology Corp SH7041A Datasheet HTML 201Page - Renesas Technology Corp SH7041A Datasheet HTML 202Page - Renesas Technology Corp SH7041A Datasheet HTML 203Page - Renesas Technology Corp SH7041A Datasheet HTML 204Page - Renesas Technology Corp SH7041A Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 923 page
background image
163
Section 10 Bus State Controller (BSC)
10.1
Overview
The bus state controller (BSC) divides up the address spaces and outputs control for various types
of memory. This enables memories like DRAM, SRAM, and ROM to be linked directly to the LSI
without external circuitry.
10.1.1
Features
The BSC has the following features:
• Address space is divided into five spaces
 A maximum linear 2 Mbytes for on-chip ROM effective mode, and a maximum linear
4-Mbyte for on-chip ROM ineffective mode for address space CS0
 A maximum linear 4 Mbytes for each of the address spaces CS1–CS3
 A maximum linear 16 Mbytes for DRAM dedicated space
 Bus width can be selected for each space (8, 16, or 32 bits)
 Wait states can be inserted by software for each space
 Wait states can be inserted via the WAIT pin in external memory spce accesses.
 Outputs control signals for each space according to the type of memory connected
• On-chip ROM and RAM interfaces
 On-chip RAM access of 32 bits in 1 state
 On-chip ROM access of 32 bits in 1 state
• Direct interface to DRAM
 Multiplexes row/column addresses according to DRAM capacity
 Supports high-speed page mode and RAS down mode
• Access control for each type of memory, peripheral LSI
 Address/data multiplex function
• Refresh
 Supports CAS-before-RAS refresh (auto-refresh) and self-refresh
• Refresh counter can be used as an interval timer
 Interrupt request generated upon compare match (CMI interrupt request signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com