Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 235Page - Renesas Technology Corp SH7041A Datasheet HTML 236Page - Renesas Technology Corp SH7041A Datasheet HTML 237Page - Renesas Technology Corp SH7041A Datasheet HTML 238Page - Renesas Technology Corp SH7041A Datasheet HTML 239Page - Renesas Technology Corp SH7041A Datasheet HTML 240Page - Renesas Technology Corp SH7041A Datasheet HTML 241Page - Renesas Technology Corp SH7041A Datasheet HTML 242Page - Renesas Technology Corp SH7041A Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 923 page
background image
201
10.5.3
CS Assertion Extension
The timing diagram when setting CS assertion extension during address/data multiplex I/O space
access is shown in figure 10.19.
CS3
AH
RD
Data
WRxx
Data
Address
Ta1
Ta2
Ta3
Ta4
Th
T1
T2
Tf
Read
Write
Address output
Address output
Data output
Data input
Figure 10.19 Wait Timing in Address/Data Multiplex I/O Space when CS Assertion
Extension is Set
10.6
Waits between Access Cycles
When a read from a slow device is completed, data buffers may not go off in time to prevent data
conflicts with the next access. If there is a data conflict during memory access, the problem can be
solved by inserting a wait in the access cycle.
To enable detection of bus cycle starts, waits can be inserted between access cycles during
continuous accesses of the same CS space by negating the
CSn signal once.
10.6.1
Prevention of Data Bus Conflicts
For the two cases of write cycles after read cycles, and read cycles for a different area after read
cycles, waits are inserted so that the number of idle cycles specified by the IW31–IW00 bits of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com