Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 274Page - Renesas Technology Corp SH7041A Datasheet HTML 275Page - Renesas Technology Corp SH7041A Datasheet HTML 276Page - Renesas Technology Corp SH7041A Datasheet HTML 277Page - Renesas Technology Corp SH7041A Datasheet HTML 278Page - Renesas Technology Corp SH7041A Datasheet HTML 279Page - Renesas Technology Corp SH7041A Datasheet HTML 280Page - Renesas Technology Corp SH7041A Datasheet HTML 281Page - Renesas Technology Corp SH7041A Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 923 page
background image
240
Indirect Address Transfer Mode: In this mode the memory address storing the data you actually
want to transfer is specified in DMAC internal transfer source address register (SAR3). Therefore,
in indirect address transfer mode, the DMAC internal transfer source address register value is read
first. This value is stored once in the DMAC. Next, the read value is output as the address, and the
value stored at that address is again stored in the DMAC. Finally, the subsequent read value is
written to the address specified by the transfer destination address register, ending one cycle of
DMA transfer.
In indirect address mode (figure 11.9), transfer destination, transfer source, and indirect address
storage destination are all 16-bit external memory locations, and transfer in this example is
conducted in 16-bit or 8-bit units. Timing for this transfer example is shown in figure 11.10.
In indirect address mode, one NOP cycle (figure 11.10) is required until the data read as the
indirect address is output to the address bus. When transfer data is 32-bit, the third and fourth bus
cycles each need to be doubled, giving a required total of six bus cycles and one NOP cycle for the
whole operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com