Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 290Page - Renesas Technology Corp SH7041A Datasheet HTML 291Page - Renesas Technology Corp SH7041A Datasheet HTML 292Page - Renesas Technology Corp SH7041A Datasheet HTML 293Page - Renesas Technology Corp SH7041A Datasheet HTML 294Page - Renesas Technology Corp SH7041A Datasheet HTML 295Page - Renesas Technology Corp SH7041A Datasheet HTML 296Page - Renesas Technology Corp SH7041A Datasheet HTML 297Page - Renesas Technology Corp SH7041A Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 923 page
background image
256
Burst Mode, Single Address, and Level Detection:
DREQ sampling timing in burst mode with
single address and level detection is shown in figures 11.21 and 11.22.
In burst mode with single address and level detection, a dummy cycle is inserted as one bus cycle,
at the earliest, three cycles after timing of the first sampling. Data during this period is undefined,
and the DACK signal is not output. Nor is the number of DMAC transfers counted. The actual
DMAC transfer begins after one dummy bus cycle output.
The dummy cycle is not counted either at the start of the second sampling (transfer one bus cycle
before the start of the first DMAC transfer). Therefore, the second sampling is not conducted from
the bus cycle starting the dummy cycle, but from the start of the CPU(3) bus cycle.
Thereafter, as long the
DREQ is continuously sampled, no dummy cycle is inserted. DREQ
sampling timing during this period begins from the start of the transfer one bus cycle before the
start of DMAC transfer, in the same way as with cycle steal mode.
As with the fourth sampling in figure 11.21, once DMAC transfer is interrupted, a dummy cycle is
again inserted at the start as soon as DMAC transfer is resumed.
The DACK output period in burst mode is the same as in cycle steal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com