Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7041A Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 307Page - Renesas Technology Corp SH7041A Datasheet HTML 308Page - Renesas Technology Corp SH7041A Datasheet HTML 309Page - Renesas Technology Corp SH7041A Datasheet HTML 310Page - Renesas Technology Corp SH7041A Datasheet HTML 311Page - Renesas Technology Corp SH7041A Datasheet HTML 312Page - Renesas Technology Corp SH7041A Datasheet HTML 313Page - Renesas Technology Corp SH7041A Datasheet HTML 314Page - Renesas Technology Corp SH7041A Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 923 page
background image
273
Section 12 Multifunction Timer Pulse Unit (MTU)
12.1
Overview
The SuperH microprocessor has an on-chip 16-bit multifunction timer pulse unit (MTU) with five
channels of 16-bit timers.
12.1.1
Features
• Can process a maximum of sixteen different pulse outputs and inputs.
• Has sixteen timer general registers (TGR): four each for channels 0, 3, and 4, and two each for
channels 1 and 2 that can be set to function independently as output compare or input capture.
The channel 0, 3, and 4 TGRC and TGRD registers can be used as buffer registers.
• Can select eight counter input clock sources for all channels
• All channels can be set for the following operating modes:
 Compare match waveform output: 0 output/1 output/toggle output selectable.
 Input capture function: Selectable rising edge, falling edge, or both rising and falling edge
detection.
 Counter clearing function: Counters can be cleared by a compare-match or input capture.
 Synchronizing mode: Two or more timer counters (TCNT) can be written to
simultaneously. Two or more timer counters can be simultaneously cleared by a compare-
match or input capture. Counter synchronization functions enable synchronized register
input/output.
 PWM mode: PWM output can be provided with any duty cycle. When combined with the
counter synchronizing function, enables up to twelve-phase PWM output. (With channels
0–2 set to PWM mode 2, channels 3–4, and channels 0–4 synchronized with TGR3A of
channel 3 as the sync register (channels 0–4 phase output: 4, 2, 2, 2, 2).)
• Channels 0, 3, and 4 can be set for buffer operation
 Input capture register double buffer configuration possible
 Output compare register automatic re-write possible
• Channels 1 and 2 can be independently set to the phase counting mode
 Two-phase encoder pulse up/down count possible
• Cascade connection operation
 Can be operated as a 32-bit counter by using the channel 2 input clock for channel 1
overflow/underflow
• Channels 3 and 4 can be set in the following modes:
 Reset-synchronized PWM mode: By combining channels 3 and 4, a sawtooth wave
comparator type six-phase PWM waveform can be output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com