Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG5 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FPG5
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, IEC 60335-1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG5 Datasheet(HTML) 1 Page - Schurter Inc.

  FPG5_V01 Datasheet HTML 1Page - Schurter Inc. FPG5_V01 Datasheet HTML 2Page - Schurter Inc. FPG5_V01 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder
FPG5
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, IEC 60335-1
Closed fuseholder 5 x 20 mm
horizontal with slot
Solder
from front side
horizontal with finger grip
fingergrip
See below:
Approvals and Compliances
250 VAC · 2.5W/10A (VDE) · 500V · 16A (UL/CSA)
Description
- Compact design
- Horizontal style
- Heading with fingergrip and slotted available
Applications
- Household appliances
- Medical Equipment
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 mm
Mounting
PCB
Terminal
Solder THT
Rated Voltage
250 VAC , 500 V (UL/CSA)
Rated current
10 A (VDE), 16 A (UL/CSA)
Rated Power Acceptance IEC 2.5 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
4.31 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Power Acc./
Current Rating, Certification marks
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV
(50 Hz: 1 min)
Impulse Withstand Voltage
> 2.5 kV between L-N
Insulation Resistance
> 10 M
Ω between L-N
(500 VDC: 1 min)
Overvoltage Category
II acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FPG5
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40044101
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FPG5_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
More results

Similar Description - FPG5_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG7 SCHURTER-FPG7 Datasheet
436Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
FAB SCHURTER-FAB_18 Datasheet
250Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, horizontal
FBS2 SCHURTER-FBS2_18 Datasheet
273Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, PC3, medical
FPG3 SCHURTER-FPG3_V01 Datasheet
300Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FPG6 SCHURTER-FPG6_V01 Datasheet
282Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, Press, IEC 60335-1
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
FPG3 SCHURTER-FPG3_V02 Datasheet
300Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com