Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 102 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 102 Page - ams AG

Back Button AS3722 Datasheet HTML 98Page - ams AG AS3722 Datasheet HTML 99Page - ams AG AS3722 Datasheet HTML 100Page - ams AG AS3722 Datasheet HTML 101Page - ams AG AS3722 Datasheet HTML 102Page - ams AG AS3722 Datasheet HTML 103Page - ams AG AS3722 Datasheet HTML 104Page - ams AG AS3722 Datasheet HTML 105Page - ams AG AS3722 Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 198 page
background image
Page 102
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 89:
SD1Voltage
Figure 90:
SD2Voltage
Addr:01h
SD1Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd1_low_power
0
RW
Controls low power mode for sd1
0 : normal mode
1 : low power mode. Reduced current capability
only 1 phase enabled and reduced output
current on that phase
6:0
sd1_vsel
0
RW
The voltage select bits set the DC/DC output
voltage
level and power the DC/DC converter down.
(0.61..1.5V)
00h : DC/DC powered down
01h-5Ah : V_SD1=0.6V+sd1_vsel*10mV
5Bh-7Fh : NA
Addr:02h
SD2Voltage
Bit
Bit Name
Default
Access
Bit Description
7sd2_frequ
0
RW
Selects between high and low frequency
0 : 3 MHz
1 : 4 MHz
6:0
sd2_vsel
0
RW
The voltage select bits set the DC/DC output
voltage
level and power the DC/DC converter down.
00h : DC/DC powered down
01h-40h : V_SD2=0.6V+sd2_vsel*12.5mV
41h-70h : V_SD2=1.4V+(sd2_vsel-40h)*25mV
71h-7Fh : V_SD2=2.6V+(sd2_vsel-70h)*50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com