Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 137 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 137 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 133Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 134Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 135Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 136Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 137Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 138Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 139Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 140Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 141Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 152 page
background image
V
OL + 2x X mV
V
OL + X mV
V
OH - X mV
V
OH - 2x X mV
2x X
X
2x Y
V
OH
V
OL
Y
T1 T2
V
TT - Y mV
V
TT
V
TT
V
TT - 2x Y mV
V
TT + 2x Y mV
V
TT + Y mV
tLZ(DQS), tLZ(DQ)
tHZ(DQS), tHZ(DQ)
T1 T2
Start driving point = 2 × T1 - T2
End driving point = 2 × T1 - T2
actual wave
7. Measured from the point when DQS_t/DQS_c begins driving the signal, to the point
when DQS_t/DQS_c begins driving the first rising strobe edge.
8. Measured from the last falling strobe edge of DQS_t/DQS_c to the point when DQS_t/
DQS_c finishes driving the signal.
9. CKE input setup time is measured from CKE reaching a HIGH/LOW voltage level to
CK_t/CK_c crossing.
10. CKE input hold time is measured from CK_t/CK_n crossing to CKE reaching a HIGH/LOW
voltage level.
11. Input setup/hold time for signal (CA[9:0], CS_n).
12. To ensure device operation before the device is configured, a number of AC boot timing
parameters are defined in this table. The letter b is appended to the boot parameter
symbols (for example, tCK during boot is tCKb).
13. Mobile LPDDR2 devices set some mode register default values upon receiving a RESET
(MRW) command, as specified in Mode Register Definition.
14. The output skew parameters are measured with default output impedance settings
using the reference load.
15. The minimum tCK column applies only when tCK is greater than 6ns.
16. Timing derating applies for operation at 85˚C to 105˚C when the requirement to derate
is indicated by mode register 4 op-code (see the MR4 Device Temperature (MA[7:0] =
04h) table).
17. DRAM devices should be evenly addressed when being accessed. Disproportionate ac-
cesses to a particular row address may result in reduction of the product lifetime.
CA and CS_n Setup, Hold, and Derating
For all input signals (CA and CS_n), the total required setup time (tIS) and hold time
(tIH) are calculated by adding the data sheet tIS (base) and tIH (base) values to the ΔtIS
and ΔtIH derating values, respectively. Example: tIS (total setup time) = tIS(base) + ΔtIS.
(See the series of tables following this section.)
The typical setup slew rate (tIS) for a rising signal is defined as the slew rate between the
last crossing of VREF(DC) and the first crossing of VIH(AC)min. The typical setup slew rate
for a falling signal is defined as the slew rate between the last crossing of VREF(DC) and
the first crossing of VIL(AC)max. If the actual signal is consistently earlier than the typical
slew rate line between the shaded VREF(DC)-to-(AC) region, use the typical slew rate for
the derating value (see Figure 83 (page 141)). If the actual signal is later than the typical
slew rate line anywhere between the shaded VREF(DC)-to-AC region, the slew rate of a
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
CA and CS_n Setup, Hold, and Derating
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
137
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com