Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474RC Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32G474RC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474RC Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32G474RC Datasheet HTML 111Page - STMicroelectronics STM32G474RC Datasheet HTML 112Page - STMicroelectronics STM32G474RC Datasheet HTML 113Page - STMicroelectronics STM32G474RC Datasheet HTML 114Page - STMicroelectronics STM32G474RC Datasheet HTML 115Page - STMicroelectronics STM32G474RC Datasheet HTML 116Page - STMicroelectronics STM32G474RC Datasheet HTML 117Page - STMicroelectronics STM32G474RC Datasheet HTML 118Page - STMicroelectronics STM32G474RC Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 236 page
background image
DS12288 Rev 4
115/236
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Independent
clock domain
ADC1/
ADC2
independent clock domain
0.72
0.67
0.53
0.63
µA/MHz
ADC3/
ADC4/
ADC5
independent clock domain
0.67
0.62
0.50
0.22
FDCAN1/
FDCAN2/
FDCAN3
independent clock domain
11.62
10.84
8.95
10.24
I2C1
independent clock domain
4.03
3.76
3.12
4.15
I2C2
independent clock domain
3.78
3.52
2.93
3.23
I2C3
independent clock domain
2.72
2.55
2.11
2.65
I2C4
independent clock domain
3.95
3.67
3.04
2.81
I2S2
independent clock domain
1.49
1.40
1.15
1.63
I2S3
independent clock domain
1.52
1.43
1.16
2.15
LPTIM1
independent clock domain
4.00
3.71
3.08
3.57
LPUART1
independent clock domain
4.43
4.13
3.45
4.02
QUADSPI
independent clock domain
0.54
0.51
0.44
0.75
RNG
independent clock domain
0.83
0.87
NA
NA
USB
independent clock domain
1.10
1.17
NA
NA
SAI1
independent clock domain
3.36
3.14
2.58
3.25
UART4
independent clock domain
6.60
6.17
5.14
6.02
UART5
independent clock domain
6.60
6.16
5.12
6.12
USART1
independent clock domain
7.62
7.12
5.89
6.90
USART2
independent clock domain
7.37
6.86
5.70
6.72
USART3
independent clock domain
7.98
7.44
6.17
8.21
All
-
369.00
316.04
266.18
325.00
µA/MHz
Table 35. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com