Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROB-12209 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12209
Description  Pulley - Hub Mount (3.0; 1.0 Bore)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12209 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12209 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pulley - Hub Mount (3.0"; 1.0" Bore)
ROB-12209
images are CC BY-NC-SA 3.0
Description: These hub-mountable aluminum pulleys can be used to drive wheels or
other pulleys with ¼” or ⅛” belts. They have an outer diameter of 3.125”, a bore of 1”,
and utilizes the 1.5” hub pattern.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• OD - 3.125”
• Bore - 1”
• Hub Pattern - 1.5”
2/10/2016
https://www.sparkfun.com/products/12209


Similar Part No. - ROB-12209

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12200 SPARKFUN-ROB-12200 Datasheet
92Kb / 1P
Servo Mount - Servo Plate A (1/4 scale)
2/10/2016
ROB-12201 SPARKFUN-ROB-12201 Datasheet
94Kb / 1P
Precision Disc Wheel - 3 (Black, 2 Pack)
2/12/2016
ROB-12202 SPARKFUN-ROB-12202 Datasheet
94Kb / 1P
Smooth Belt - 1/8D (7.5 ID)
2/10/2016
ROB-12203 SPARKFUN-ROB-12203 Datasheet
95Kb / 1P
ServoBlock Kit - Hitec Standard (Plain Shaft)
2/10/2016
ROB-12204 SPARKFUN-ROB-12204 Datasheet
94Kb / 1P
Precision Disc Wheel - 4 (Clear, 2 Pack)
2/15/2016
More results

Similar Description - ROB-12209

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12109 SPARKFUN-ROB-12109 Datasheet
105Kb / 1P
Pulley - Hub Mount (2.0; 0.5 Bore)
2/10/2016
ROB-12206 SPARKFUN-ROB-12206 Datasheet
99Kb / 1P
Gear - Hub Mount (84T; 1.0 Bore)
1/15/2016
ROB-12239 SPARKFUN-ROB-12239 Datasheet
100Kb / 1P
Gear - Hub Mount (128T; 1.0 Bore)
1/15/2016
ROB-12256 SPARKFUN-ROB-12256 Datasheet
98Kb / 1P
Gear - Hub Mount (76T; 1.0 Bore)
1/18/2016
ROB-12300 SPARKFUN-ROB-12300 Datasheet
99Kb / 1P
Sprocket - Hub Mount (0.25, 48T; 1.0 Bore)
2/12/2016
ROB-12378 SPARKFUN-ROB-12378 Datasheet
96Kb / 1P
Gear - Hub Mount (100T; 1.0 Bore)
1/18/2016
ROB-12417 SPARKFUN-ROB-12417 Datasheet
101Kb / 1P
Timing Pulley - Shaft Mount (16T; 6mm Bore)
2/10/2016
ROB-12490 SPARKFUN-ROB-12490 Datasheet
98Kb / 1P
Timing Pulley - Shaft Mount (10T; 6mm Bore)
2/10/2016
ROB-12522 SPARKFUN-ROB-12522 Datasheet
98Kb / 1P
Sprocket - Hub Mount (0.25, 40T; 1.0 Bore)
2/12/2016
ROB-13597 SPARKFUN-ROB-13597 Datasheet
99Kb / 1P
Timing Pulley - Shaft Mount (15T; 0.25 Bore)
2/10/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com