Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROB-12244 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # ROB-12244
Description  Shaft Coupler - 1/4 to 1/8
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12244 Datasheet(HTML) 1 Page - SparkFun Electronics

  ROB-12244 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shaft Coupler - 1/4" to 1/8"
ROB-12244
   1
images are CC BY-NC-SA 3.0
Description: These stainless steel shaft couplers allow you to couple two size shafts
together. They can be used for connecting motor shafts to drive shafts, or two
different-sized shafts. These shaft couplers have a length of 0.75”, a outer diameter of
0.42”, and couple 1/4” to 1/8” shafts.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Dimensions:
• Length - 0.75”
• Diameter - 0.42”
• Bore A ID - 1/4”
• Bore B ID - 1/8”
1/15/2016
https://www.sparkfun.com/products/12244


Similar Part No. - ROB-12244

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12240 SPARKFUN-ROB-12240 Datasheet
105Kb / 1P
Sprocket - Hub Mount (0.25, 32T; 0.5 Bore)
2/12/2016
ROB-12241 SPARKFUN-ROB-12241 Datasheet
94Kb / 1P
Precision Disc Wheel - 4 (Red, 2 Pack)
2/12/2016
ROB-12242 SPARKFUN-ROB-12242 Datasheet
92Kb / 1P
Shaft - Solid (Stainless; 3/8D x 6L)
2/11/2016
ROB-12245 SPARKFUN-ROB-12245 Datasheet
98Kb / 1P
Ball Bearing Hub
2/4/2016
ROB-12246 SPARKFUN-ROB-12246 Datasheet
91Kb / 1P
Single Channel - Flat Bracket
2/12/2016
More results

Similar Description - ROB-12244

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12127 SPARKFUN-ROB-12127 Datasheet
92Kb / 1P
Shaft Coupler - 1/4 to 3/16
1/15/2016
ROB-12211 SPARKFUN-ROB-12211 Datasheet
196Kb / 1P
Shaft Coupler - 1/4 to 6mm
1/15/2016
ROB-12251 SPARKFUN-ROB-12251 Datasheet
90Kb / 1P
Shaft Coupler - 1/4 to 1/4
1/15/2016
ROB-12325 SPARKFUN-ROB-12325 Datasheet
88Kb / 1P
Shaft Coupler - 1/4 to 5mm
1/15/2016
ROB-12350 SPARKFUN-ROB-12350 Datasheet
157Kb / 1P
Shaft Spacer - 1/4
8/3/2016
ROB-12412 SPARKFUN-ROB-12412 Datasheet
89Kb / 1P
Shaft Coupler - 1/4 to 3mm
1/15/2016
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
ROB-12493 SPARKFUN-ROB-12493 Datasheet
94Kb / 2P
Shaft Coupler - 1/4 to 4mm
1/15/2016
ROB-12496 SPARKFUN-ROB-12496 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 5/16
1/15/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com