Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2550101002 Datasheet(PDF) 2 Page - Schneider Electric

Part # 2550101002
Description  LAMP Incandescent bulb
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

2550101002 Datasheet(HTML) 2 Page - Schneider Electric

  2550101002 Datasheet HTML 1Page - Schneider Electric 2550101002 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2
Jan 20, 2022


Similar Part No. - 2550101002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2550101020 SCHNEIDER-2550101020 Datasheet
136Kb / 2P
incandescent bulb - for transformer light block - 120..600 V AC
Jan 20, 2022
2550101025 SCHNEIDER-2550101025 Datasheet
116Kb / 1P
incandescent bulb - for resistor light block - 48 V AC/DC
Jan 20, 2022
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101037 SCHNEIDER-2550101037 Datasheet
119Kb / 2P
incandescent bulb - for resistor light block - 12 V AC/DC
Jan 20, 2022
More results

Similar Description - 2550101002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
logo
Molex Electronics Ltd.
1301030030 MOLEX11-1301030030 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030045 MOLEX11-1301030045 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030019 MOLEX11-1301030019 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030042 MOLEX11-1301030042 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030035 MOLEX11-1301030035 Datasheet
30Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030062 MOLEX11-1301030062 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
130112-0120 MOLEX11-130112-0120 Datasheet
31Kb / 1P
Watertite짰 Handle for Incandescent Hand Lamp
1301050039 MOLEX11-1301050039 Datasheet
42Kb / 2P
Watertite Wet Location Incandescent Hand Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com