Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2550101002 Datasheet(PDF) 1 Page - Schneider Electric

Part # 2550101002
Description  LAMP Incandescent bulb
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

2550101002 Datasheet(HTML) 1 Page - Schneider Electric

  2550101002 Datasheet HTML 1Page - Schneider Electric 2550101002 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
LAMP
2550101002
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 12.50 USD
Main
Accessory / separate part
designation
Incandescent bulb
Accessory / Separate Part Type
Incandescent bulb
Accessory / separate part
category
Lighting accessories
Accessory / separate part
destination
Resistor light block
Complementary
Range Compatibility
Harmony 9001K
Harmony 9001SK
[Us] rated supply voltage
24 V 35
Net Weight
0.00 lb(US) (0.002 kg)
Ordering and shipping details
Category
18061 - SPARE PARTS DISCOUNT CP1
Discount Schedule
CP1
GTIN
785901006312
Nbr. of units in pkg.
1
Package weight(Lbs)
0.16 oz (4.536 g)
Returnability
No
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.20 in (0.508 cm)
Package 1 width
0.20 in (0.508 cm)
Package 1 Length
1.10 in (2.794 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 20, 2022
1


Similar Part No. - 2550101002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2550101020 SCHNEIDER-2550101020 Datasheet
136Kb / 2P
incandescent bulb - for transformer light block - 120..600 V AC
Jan 20, 2022
2550101025 SCHNEIDER-2550101025 Datasheet
116Kb / 1P
incandescent bulb - for resistor light block - 48 V AC/DC
Jan 20, 2022
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
2550101037 SCHNEIDER-2550101037 Datasheet
119Kb / 2P
incandescent bulb - for resistor light block - 12 V AC/DC
Jan 20, 2022
More results

Similar Description - 2550101002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
LAMP Incandescent bulb
Jan 20, 2022
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
logo
Molex Electronics Ltd.
1301030030 MOLEX11-1301030030 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030045 MOLEX11-1301030045 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030019 MOLEX11-1301030019 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030042 MOLEX11-1301030042 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
1301030035 MOLEX11-1301030035 Datasheet
30Kb / 1P
Watertite Wet Location Incandescent Hand Lamp,
1301030062 MOLEX11-1301030062 Datasheet
34Kb / 1P
Watertite Wet Location Incandescent Hand Lamp
130112-0120 MOLEX11-130112-0120 Datasheet
31Kb / 1P
Watertite짰 Handle for Incandescent Hand Lamp
1301050039 MOLEX11-1301050039 Datasheet
42Kb / 2P
Watertite Wet Location Incandescent Hand Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com