Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469II Datasheet(PDF) 218 Page - STMicroelectronics

Part # STM32F469II
Description  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469II Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32F469II Datasheet HTML 212Page - STMicroelectronics STM32F469II Datasheet HTML 213Page - STMicroelectronics STM32F469II Datasheet HTML 214Page - STMicroelectronics STM32F469II Datasheet HTML 215Page - STMicroelectronics STM32F469II Datasheet HTML 216Page - STMicroelectronics STM32F469II Datasheet HTML 217Page - STMicroelectronics STM32F469II Datasheet HTML 218Page - STMicroelectronics STM32F469II Datasheet HTML 219Page - STMicroelectronics STM32F469II Datasheet HTML 220Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 218 / 220 page
background image
Revision history
STM32F469xx
218/220
DS11189 Rev 7
Revision history
Table 126. Document revision history
Date
Revision
Changes
01-Sep-2015
1
Initial release.
13-Oct-2015
2
Updated Table 4: Regulator ON/OFF and internal reset ON/OFF
availability and Table 54: EMI characteristics.
Updated Figure 35: PLL output clock waveforms in center spread
mode and Figure 36: PLL output clock waveforms in down spread
mode.
Updated title of Section 6.8: TFBGA216 package information.
08-Mar-2016
3
Updated cover page with introduction of LQFP100 and LQFP144
packages.
Updated Section 1: Description and Section 1.1: Compatibility
throughout the family.
Updated Figure 1: Incompatible board design for LQFP176 package
and its footnote.
Updated Table 1: Device summary, Table 2: STM32F469xx features
and peripheral counts, Table 4: Regulator ON/OFF and internal reset
ON/OFF availability, Table 10: STM32F469xx pin and ball definitions,
Table 11: FMC pin definition, Table 12: Alternate function, Table 17:
General operating conditions, Table 55: ESD absolute maximum
ratings, Table 76: ADC characteristics, Table 124: Package thermal
characteristics and Table 125: Ordering information scheme.
Removed former Table 73: Ethernet DC electrical characteristics.
Added Figure 13: STM32F46x LQFP100 pinout and Figure 14:
STM32F46x LQFP144 pinout.
Updated Figure 17: STM32F46x UFBGA176 ballout, Figure 18:
STM32F46x LQFP176 pinout and Figure 33: ACCHSI vs. temperature.
Added Section 6.1: LQFP100 package information and Section 6.2:
LQFP144 package information.
Replaced former footnote 7 of Table 10: STM32F469xx pin and ball
definitions with footnote 2.
Added footnote 3 to Table 14: Voltage characteristics.
Updated footnote 1 of Figure 56 and footnote 1 of Figure 57.
02-Mar-2017
4
Updated Table 12: Alternate function.
Corrected maximum characterized wakeup timing values for Stop
mode in Table 34: Low-power mode wakeup timings.
Updated Figure 14: STM32F46x LQFP144 pinout.
Updated Device marking for LQFP100, Device marking for
UFBGA169, Device marking for LQFP176, Device marking for
LQFP176 and Device marking for LQFP176.
Updated footnotes of figures 82, 85, 89, 92, 97 and 100 in Section 6:
Package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com