Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L011E4 Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L011E4
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L011E4 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L011E4 Datasheet HTML 111Page - STMicroelectronics STM32L011E4 Datasheet HTML 112Page - STMicroelectronics STM32L011E4 Datasheet HTML 113Page - STMicroelectronics STM32L011E4 Datasheet HTML 114Page - STMicroelectronics STM32L011E4 Datasheet HTML 115Page - STMicroelectronics STM32L011E4 Datasheet HTML 116Page - STMicroelectronics STM32L011E4 Datasheet HTML 117Page - STMicroelectronics STM32L011E4 Datasheet HTML 118Page - STMicroelectronics STM32L011E4 Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 119 page
background image
DocID027973 Rev 5
117/119
STM32L011x3/4
Revision history
118
20-Jun-2016
4
Updated:
– Features in cover page: Stop mode values, channels’
number of DMA controller, I/Os’ number, number of
peripherals communication interface.
– Table 27: Current consumption in Low-power Run
mode, Table 28: Current consumption in Low-power
Sleep mode, Table 34: Low-power mode wakeup
timings, Table 36: Low-speed external user clock
characteristics
12-Sep-2017
5
Removed I/O operation from Table 3: Functionalities
depending on the operating power supply range.
Updated Section 3.4.4: Boot modes and added Note 7.
in Table 13: Pin definitions.
Changed USARTx_RTS and LPUARTx_RTS into
USARTx_RTS_DE and LPUARTx_RTS_DE,
respectively in Section 4: Pin descriptions.
In Section 5: Memory mapping, replaced memory
mapping schematic by reference to the reference
manual.
Updated introduction text in Section 6.2: Absolute
maximum ratings to mention device mission profile and
extended mission profiles.
Added note in Table 49: I/O current injection
susceptibility.
Updated minimum and maximum values of I/O weak
pull-up equivalent resistor (RPU) and weak pull-down
equivalent resistor (RPD) in Table 50: I/O static
characteristics.
Updated minimum and maximum values of NRST weak
pull-up equivalent resistor (RPU) in Table 53: NRST pin
characteristics. Added note 2 related to the position of
the external capacitor below Figure 26: Recommended
NRST pin protection.
Updated Section : I2C interface characteristics.
Removed section USART/LPUART characteristics.
Updated Figure 29: SPI timing diagram - slave mode
and CPHA = 0, Figure 30: SPI timing diagram - slave
mode and CPHA = 1(1) and Figure 31: SPI timing
diagram - master mode(1).
Table 77. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com