Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC58EEX Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 97Page - STMicroelectronics SPC58EEX Datasheet HTML 98Page - STMicroelectronics SPC58EEX Datasheet HTML 99Page - STMicroelectronics SPC58EEX Datasheet HTML 100Page - STMicroelectronics SPC58EEX Datasheet HTML 101Page - STMicroelectronics SPC58EEX Datasheet HTML 102Page - STMicroelectronics SPC58EEX Datasheet HTML 103Page - STMicroelectronics SPC58EEX Datasheet HTML 104Page - STMicroelectronics SPC58EEX Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 154 page
background image
DS11646 Rev 4
101/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
2tCSC
CC D
PCS to SCK
delay
SCK and PCS drive strength
Very strong
25 pF
(N(3) × tSYS(4))–
16
ns
Strong
50 pF
(N(3) × tSYS(4))–
16
Medium
50 pF
(N(3) × tSYS(4))–
16
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
(N(3) × tSYS(4))–
29
3tASC
CC D After SCK delay
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–
35
ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–
35
Medium
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–
35
PCS medium
and SCK
strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))–
35
4tSDC
CC D
SCK duty
cycle(6)
SCK drive strength
Very strong
0 pF
1/2tSCK –2
1/2tSCK +2
ns
Strong
0 pF
1/2tSCK –2
1/2tSCK +2
Medium
0 pF
1/2tSCK –5
1/2tSCK +5
PCS strobe timing
5tPCSC CC D
PCSx to PCSS
time(7)
PCS and PCSS drive strength
Strong
25 pF
16.0
ns
6tPASC CC D
PCSS to PCSx
time(7)
PCS and PCSS drive strength
Strong
25 pF
16.0
ns
SIN setup time
7tSUI
CC D
SIN setup time to
SCK(8)
SCK drive strength
Very strong
25 pF
25.0
ns
Strong
50 pF
31.0
Medium
50 pF
52.0
Table 55. DSPI CMOS master classic timing (full duplex and output only)
MTFE = 0, CPHA = 0 or 1 (continued)
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com